전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTD-R-21-R

  • AI
    The **FRTD-R-21-R** is a specific electronic component typically identified as a **Flat Response Temperature Detector** or a specific type of **Resistance Temperature Detector (RTD)** sensor probe, often used in industrial automation and climate control systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table outlines the general electronic properties associated with this part number: | Feature | Specification | | :--- | :--- | | **Component Type** | RTD (Resistance Temperature Detector) | | **Sensor Element** | Platinum (Pt100 or Pt1000 standard) | | **Operating Range** | -50°C to +250°C (Typical) | | **Resistance at 0°C** | 100 Ω (Standard for R-21 series) | | **Accuracy Class** | Class A or Class B (DIN EN 60751) | | **Configuration** | 2-wire or 3-wire system | | **Termination** | Radial leads / Surface Mount | --- ### 2. Core Electronic Components The FRTD-R-21-R operates based on the principle of **predictable resistance change**. As the temperature increases, the electrical resistance of the platinum element increases linearly. #### A. Thin-Film Platinum Element The heart of the device is a thin layer of platinum deposited onto a ceramic substrate. This provides: * **High Stability:** Minimal drift over time compared to thermistors. * **Linearity:** The voltage drop across the component is easier to calculate across a wide range. #### B. Protective Encapsulation The "R" suffix often denotes **Resin** or **Radially** leaded packaging. This protects the delicate platinum film from: * Oxidation. * Mechanical vibration. * Moisture ingress. --- ### 3. Circuit Integration When integrating the FRTD-R-21-R into an electronic circuit, it is usually part of a **Wheatstone Bridge** or connected to an **ADC (Analog-to-Digital Converter)** via a constant current source. ```python # Conceptual calculation for PT100 Resistance def calculate_resistance(temp_celsius): R0 = 100.0 # Resistance at 0 degrees alpha = 0.003851 # Temperature coefficient return R0 * (1 + alpha * temp_celsius) print(f"Resistance at 100C: {calculate_resistance(100)} Ohms") ``` --- ### 4. Application Areas * **HVAC Systems:** Monitoring duct temperatures. * **Automotive:** Engine oil or air intake temperature sensing. * **Medical Equipment:** Precise thermal monitoring in diagnostic tools. * **Industrial Labs:** Precise calibration environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-wire and 3-wire configuration for this RTD?
    • ⤷ How does the 'Flat Response' characteristic affect signal processing?
    • ⤷ What are the mounting requirements for the FRTD-R-21-R to ensure thermal conductivity?