FRTD-R-41-KSLASHQ
AI

The part number **FRTD-R-41-K/Q** typically refers to a high-precision **Platinum Resistance Temperature Detector (RTD)** sensor assembly, often utilized in industrial thermal processing and aerospace applications.
Below is a detailed breakdown of the electronic and physical characteristics associated with this specification.
---
### 1. Part Number Breakdown (Technical Specifications)
While nomenclature can vary slightly by manufacturer (such as IST or Honeywell), the code generally follows this logic:
| Segment | Meaning | Technical Detail |
| :--- | :--- | :--- |
| **FRTD** | Film RTD | Thin-film platinum deposited on a ceramic substrate. |
| **R** | Resistance Value | Usually denotes 100 Ohms (Pt100) at 0°C. |
| **41** | Physical Size | Often refers to dimensions (e.g., 4.0mm x 1.0mm or 4mm x 1.5mm). |
| **K** | Tolerance Class | Class K (or Class B), typically $\pm$ 0.3°C at 0°C. |
| **Q** | Lead Configuration | Denotes lead wire material (often Nickel or Silver-coated) or specific termination. |
---
### 2. Core Electronic Components
#### A. The Sensing Element (Thin-Film)
The heart of the device is a **Thin-Film Platinum resistor**.
* **Physics:** It operates on the principle that the electrical resistance of platinum increases linearly with temperature.
* **Standard:** Most follow the DIN EN 60751 standard ($a = 0.003851$).
#### B. Substrate and Passivation
* **Ceramic Base:** Provides high dielectric strength and mechanical stability.
* **Glass Layer:** A protective glass coating covers the platinum film to prevent oxidation and mechanical damage.
#### C. Leads and Connections
* The "K/Q" designation usually points to **automated bonding** of the lead wires. These are designed to be soldered, welded, or crimped into a larger measurement circuit (Bridge circuit or 4-wire Kelvin connection).
---
### 3. Electrical Characteristics
| Parameter | Typical Value |
| :--- | :--- |
| **Nominal Resistance** | 100 $\Omega$ @ 0°C |
| **Temperature Range** | -70°C to +500°C (standard) |
| **Self-Heating** | 0.4 K/mW at 0°C |
| **Response Time** | $t_{0.5} \approx 0.15s$ (in water flow) |
| **Measuring Current** | 0.3 to 1.0 mA (to minimize self-heating) |
---
### 4. Comparison: Thin-Film vs. Wire-Wound RTDs
| Feature | Thin-Film (FRTD) | Wire-Wound |
| :--- | :--- | :--- |
| **Vibration Resistance** | High (Solid state) | Low (Wire can break) |
| **Size** | Miniature | Bulky |
| **Cost** | Low (Mass produced) | High (Manual labor) |
| **Stability** | Excellent | Superior (at very high temps) |
---
### 5. Application Circuitry
To read the FRTD-R-41-K/Q, it is commonly integrated into a **Wheatstone Bridge** or connected to an **ADC** via a constant current source.
```python
# Conceptual calculation for Pt100 Resistance to Temperature
def rtd_to_temp(R):
R0 = 100.0
alpha = 0.003851
return (R - R0) / (R0 * alpha)
# Example: If measured Resistance is 138.5 Ohms
# Temperature is approximately 100 degrees Celsius
```
---
- ⤷What is the difference between Class K and Class A tolerances for this RTD?
- ⤷ Can this sensor be used in a 3-wire bridge configuration?
- ⤷ Which manufacturers typically produce the FRTD series?