전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTD-R-A1C-R

  • AI
    The **FRTD-R-A1C-R** is a specific model identifier typically associated with **Resistance Temperature Detectors (RTD)**, often used in industrial temperature sensing applications. Below is a breakdown of the electronic components, technical specifications, and the internal logic of this device. --- ### 1. Component Identification This part belongs to the family of **Platinum RTDs (Pt100 or Pt1000)**. The alphanumeric code typically breaks down as follows: | Code Segment | Description | Technical Detail | | :--- | :--- | :--- | | **FRTD** | Series | Film Resistance Temperature Detector. | | **R** | Housing Type | Usually denotes a Rigid or Round probe configuration. | | **A1** | Accuracy Class | Class A (Tolerance ±0.06% at 0°C). | | **C** | Connection | Ceramic encapsulated or Specific Lead Wire type. | | **R** | Resistance | Standard Resistance (usually 100Ω or 1000Ω). | --- ### 2. Electronic Specifications The "Electronic Parts" of an RTD are not active components (like transistors) but rather passive resistive elements engineered for high precision. | Parameter | Specification | | :--- | :--- | | **Element Material** | Platinum (Pt) deposited on a ceramic substrate. | | **Nominal Resistance** | 100 $\Omega$ at 0°C (standard for Pt100). | | **Temperature Coefficient** | $\alpha = 0.00385$ (DIN/IEC 60751 standard). | | **Operating Range** | Typically -50°C to +400°C (depending on lead insulation). | | **Excitation Current** | 1mA to 5mA (to prevent self-heating errors). | --- ### 3. Internal Construction The device consists of three primary electronic sections: 1. **The Thin-Film Element:** A microscopic layer of Platinum is sputtered onto a ceramic plate. This is the "brain" that changes resistance based on temperature. 2. **Lead Wire Connections:** Typically a 2-wire, 3-wire, or 4-wire configuration. The 3-wire version is most common in this series to compensate for lead wire resistance. 3. **Encapsulation:** A ceramic or glass coating that protects the platinum film from oxidation and mechanical stress. --- ### 4. Typical Application Circuit To read the signal from a **FRTD-R-A1C-R**, it is usually connected to a **Wheatstone Bridge** or a constant current source. ```python # Conceptual Logic for Temperature Calculation (Callendar-Van Dusen) def calculate_temp(resistance_ohms): R0 = 100.0 # Resistance at 0 degrees alpha = 0.00385 # Simplified linear approximation: temperature = (resistance_ohms - R0) / (R0 * alpha) return temperature ``` --- ### 5. Key Advantages * **Linearity:** Much more linear than thermocouples or thermistors. * **Stability:** Very low drift over time, making it ideal for precision industrial control. * **Interchangeability:** Due to the Class A rating, one sensor can be replaced with another without recalibrating the transmitter.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class A and Class B accuracy for this RTD?
    • ⤷ How do I wire a 3-wire FRTD to a PLC or controller?
    • ⤷ What is the maximum self-heating error for this specific sensor?