전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTD-R-AD-P

  • AI
    The **FRTD-R-AD-P** appears to be a specialized electronic component, typically associated with industrial automation or measurement equipment (such as temperature controllers or signal converters). Based on the nomenclature commonly used in industrial electronics, here is a breakdown of the parts and specifications associated with this type of device. --- ## 1. Component Breakdown (Nomenclature) The part number can generally be decoded as follows: | Code | Possible Meaning | Description | | :--- | :--- | :--- | | **FRTD** | Functional RTD | Refers to a Resistance Temperature Detector interface or sensor. | | **R** | Relay / Resistance | Indicates a Relay output or a specific Resistance characteristic. | | **AD** | Analog to Digital | Indicates the presence of an A/D converter for signal processing. | | **P** | Programmable / Plug-in | Refers to the physical mounting style or programmable logic features. | --- ## 2. Key Electronic Internal Parts A device with this designation typically contains several critical sub-systems to ensure accurate measurement and signal transmission: ### A. RTD Interface Circuit * **Constant Current Source:** Used to drive a small, stable current through the RTD sensor (e.g., Pt100) to measure voltage drop without causing self-heating errors. * **Bridge Circuit:** Often used in 3-wire or 4-wire configurations to compensate for lead wire resistance. ### B. Signal Conditioning (Analog Front-End) * **Operational Amplifiers (Op-Amps):** Low-drift, high-precision amplifiers that scale the millivolt signal from the RTD to a range usable by the converter. * **Filters:** RC low-pass filters to remove high-frequency electromagnetic interference (EMI) common in industrial environments. ### C. Digital Processing Core * **A/D Converter (ADC):** Usually a 16-bit or 24-bit Sigma-Delta ADC for high-resolution temperature readings. * **Microcontroller (MCU):** An onboard chip that linearizes the RTD signal (correcting for non-linear resistance curves) and manages communication. ### D. Output & Isolation * **Optoisolators:** Protect the logic circuit from high-voltage spikes on the output side. * **Relay or Solid State Switch:** If the "R" indicates a relay, there will be a physical electromagnetic coil and contact set for switching external loads. --- ## 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Input Type** | Pt100, Pt1000, or Ni100 | | **Supply Voltage** | 24V DC or 110/220V AC (model dependent) | | **Accuracy** | ±0.1% to ±0.5% of span | | **Response Time** | < 200ms | | **Operating Temp** | -10°C to +60°C | --- ## 4. Maintenance and Safety * **Calibration:** These parts require periodic calibration to ensure the resistance-to-temperature conversion remains accurate. * **Termination:** Ensure that the "P" (Plug-in) base pins are clean and free of oxidation to prevent measurement drift.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the 3-wire RTD connection on this model?
    • ⤷ Is this component compatible with Pt1000 sensors or only Pt100?
    • ⤷ How do I troubleshoot a 'sensor break' error on this device?