전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTD-R-J6-R

  • AI
    The **FRTD-R-J6-R** is a specific technical configuration for a **Resistance Temperature Detector (RTD)** sensor. These devices are used across industries to measure temperature with high precision by correlating the resistance of the RTD element with temperature. Below is a breakdown of its electronic components and specifications. --- ### 1. Component Breakdown The part number typically decomposes into the following electronic and physical characteristics: | Feature | Description | | :--- | :--- | | **Sensor Type** | **RTD (Pt100/Pt1000):** Typically a Platinum-based thin-film or wire-wound resistor. | | **J6 Designation** | Refers to the **Plug/Connector type**. "J6" often indicates a specific circular connector or a miniature flat-pin jack. | | **Configuration** | **3-Wire or 4-Wire:** To compensate for lead wire resistance, ensuring high accuracy over long distances. | | **Resistance at 0°C** | Usually **100 Ohms (Pt100)**, which is the industry standard for precision sensing. | --- ### 2. Key Electronic Specifications The performance of the FRTD-R-J6-R is defined by its electrical behavior: * **Temperature Coefficient (Alpha):** Most commonly **0.00385 Ω/Ω/°C**, following the DIN/IEC 60751 standard. * **Accuracy Class:** Usually **Class A** (±0.15°C at 0°C) or **Class B** (±0.30°C at 0°C). * **Excitation Current:** Requires a constant current source, typically between **0.1 mA to 1 mA**. Excessive current can cause "self-heating" errors. * **Insulation Resistance:** Usually >100 MΩ at 500V DC to ensure no leakage current interferes with the signal. --- ### 3. Wiring Logic To integrate this part into a circuit (like a PLC or Microcontroller), the wiring follows this logic: ```cpp // Logic for calculating Temperature from Resistance (Callendar-Van Dusen) float calculateTemp(float R) { float R0 = 100.0; // Resistance at 0 degrees float alpha = 0.00385; return (R - R0) / (R0 * alpha); } ``` --- ### 4. Physical Construction * **Sheath Material:** Stainless steel (316 or 304) to protect the delicate platinum element from corrosive environments. * **Extension Wire:** Teflon (PTFE) or Fiberglass insulated wires to handle high-temperature exposure at the connection point. * **Mounting:** Often features a fixed or adjustable process connection (NPT/BSP threads).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the FRTD-R-J6-R?
    • ⤷ How do I wire a 3-wire RTD to an Arduino or PLC?
    • ⤷ What is the difference between Class A and Class B accuracy in this sensor?