전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTD-R-Z2-R

  • AI
    Based on the product code **FRTD-R-Z2-R**, this device is typically a specific configuration of a **RTD (Resistance Temperature Detector) Transmitter** or a specialized sensor module, often associated with industrial automation brands like *Fuji Electric* or *FineTek*. Below is a breakdown of the electronic components and technical specifications associated with this type of part. --- ### ## 1. Part Number Breakdown (Functional Logic) While specific manufacturers vary, the alphanumeric code generally follows this logic for temperature instrumentation: | Segment | Meaning | Electronic Significance | | :--- | :--- | :--- | | **FRTD** | Series | Resistance Temperature Detector (RTD) Transmitter / Sensor | | **R** | Housing Type | Often indicates a "Rail-mount" or "Round" housing | | **Z2** | Input Range | Specifies the calibration (e.g., 0-200°C or Pt100/Pt1000 type) | | **R** | Output Signal | Relates to Output Relay or Resistance output | --- ### ## 2. Core Electronic Components The internal circuitry of the **FRTD-R-Z2-R** generally consists of four primary stages: #### ### A. Input Conditioning (Bridge Circuit) * **Sensor Interface:** Designed to connect to a **Pt100** (Platinum 100 ohm) sensor. * **Precision Resistors:** Uses high-tolerance resistors in a Wheatstone Bridge configuration to convert the sensor's resistance change into a millivolt signal. * **Lead-Wire Compensation:** Includes circuitry to cancel out the resistance added by the length of the wires connecting the sensor. #### ### B. Signal Processing * **Operational Amplifiers (Op-Amps):** Low-noise, high-precision amplifiers (like the OP07 or similar) to boost the weak bridge signal. * **Linearization Circuit:** Since RTD resistance is not perfectly linear relative to temperature, this stage uses hardware or a microcontroller to linearize the output. #### ### C. Output Stage * **Current/Voltage Conversion:** Converts the processed signal into a standard industrial output, typically **4-20mA** or **1-5V DC**. * **Isolation:** Usually features galvanic isolation (opto-isolators or transformers) to protect the PLC/controller from field surges. --- ### ## 3. Technical Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Sensor Type** | Pt100 (3-wire or 2-wire) | | **Power Supply** | 24V DC (typical for loop-powered devices) | | **Accuracy** | ±0.1% to ±0.2% of span | | **Response Time** | < 500ms | | **Isolation Strength** | 1500V AC (between Input/Output/Power) | | **Mounting** | 35mm DIN Rail | --- ### ## 4. Connection Diagram (Standard Logic) ```text [ Sensor Side ] [ Controller Side ] Term 1 (A) ----------- Term 5 (+) Power/Signal Term 2 (B) ----------- Term 6 (-) Common Term 3 (b) ----------- ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your FRTD-R-Z2-R unit?
    • ⤷ Do you need a wiring diagram for the 4-20mA loop connection?
    • ⤷ Are you experiencing a 'burnout' signal or incorrect temperature readings?