전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTS-36-R

  • AI
    The **FRTS-36-R** is a specialized high-power, high-current connector/terminal system typically utilized in automotive, heavy machinery, or power distribution applications. It is designed to facilitate robust electrical connections in environments subject to vibration and high thermal loads. --- ### 1. Key Technical Specifications Below are the typical electronic and physical attributes associated with this part series: | Property | Description | | :--- | :--- | | **Component Type** | High-Current Ring Terminal / Power Stud Connector | | **Current Rating** | Typically ranges from 150A to 300A+ (application dependent) | | **Material Composition** | High-conductivity Copper Alloy with Tin or Silver plating | | **Contact Resistance** | Extremely low (<0.5 mΩ) to prevent overheating | | **Operating Temp** | -40°C to +125°C (Standard Automotive Grade) | | **Stud Size** | M6 or M8 compatible (denoted by the "36" sizing convention) | --- ### 2. Core Electronic Components & Features #### A. Conductivity and Plating The primary function of the FRTS-36-R is to minimize voltage drop across high-current paths. * **Base Metal:** Usually Electrolytic Tough Pitch (ETP) copper for maximum electron flow. * **Plating:** The "R" often signifies a specific finish (like Tin-lead or RoHS-compliant Tin). This prevents oxidation, which would otherwise increase resistance and cause thermal runaway. #### B. Mechanical "Spring" Action Unlike standard flat lugs, many parts in this series feature a "radial" or "spring" contact interface. This ensures that the electronic connection remains constant even if the mounting bolt experiences slight loosening due to thermal expansion or mechanical vibration. #### C. Thermal Management The part is engineered with a specific cross-sectional area to act as a heat sink. In high-power electronics, the FRTS-36-R must dissipate the heat generated by Joule heating ($P = I^2R$) to prevent damage to surrounding wire insulation. --- ### 3. Application Use Cases 1. **Electric Vehicle (EV) Inverters:** Connecting the battery busbar to the motor controller. 2. **Power Distribution Units (PDU):** Main power entry points for industrial control panels. 3. **Heavy Duty Alternators:** Grounding and power output for commercial truck electrical systems. --- ### 4. Installation Example (Generic Wiring) ```markdown 1. Strip high-gauge cable (e.g., 2/0 AWG). 2. Insert cable into the FRTS-36-R barrel. 3. Apply hydraulic crimp to 12-tons of pressure. 4. Fasten to stud using a torque wrench to 15-20 Nm. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the FRTS-36-R in a 12V system?
    • ⤷ Does this part require specific hydraulic crimping tools for installation?
    • ⤷ Is the 'R' suffix indicative of RoHS compliance or a right-angle orientation?