전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTS-65-R/Q

  • AI
    The **FRTS-65-R/Q** typically refers to a high-performance **Fast Response Temperature Sensor** assembly, often utilized in automotive, industrial, or HVAC applications where rapid thermal detection is critical. Below is an explanation of its electronic components and characteristics. --- ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific variations in connector types or resistance curves (commonly NTC or RTD elements). | Feature | Description | | :--- | :--- | | **Sensing Element** | High-precision Thermistor (NTC) or Platinum RTD (Pt100/Pt1000). | | **Response Time ($T_{63}$)** | Engineered for "Fast Response," typically < 1.5 seconds in liquid. | | **Operating Range** | Generally -40°C to +150°C (depending on housing material). | | **Housing Material** | Brass or Stainless Steel for high thermal conductivity. | | **Connection Type** | Integrated connector (often RAST or Automotive style). | --- ### 2. Electronic Component Breakdown #### A. The Sensing Element The heart of the FRTS-65 is a ceramic semi-conductor or a thin-film platinum chip. * **NTC (Negative Temperature Coefficient):** Resistance decreases as temperature increases. It provides high sensitivity for narrow temperature windows. * **RTD (Resistance Temperature Detector):** Provides a linear output, used if the "Q" variant specifies high-accuracy requirements over a broad range. #### B. The Internal Circuitry While the sensor is primarily passive, its internal construction includes: * **Lead Wires:** Usually silver-plated copper or nickel, insulated with PFA/Teflon to withstand high heat. * **Potting Compound:** A thermally conductive epoxy that encapsulates the sensor element. This compound ensures heat transfers quickly from the outer shell to the internal electronics while providing moisture protection. #### C. Connector Interface The **R/Q** designation often refers to the terminal geometry: * **Pins:** Gold or tin-plated brass to prevent oxidation. * **Coding/Keying:** Specific plastic molding that ensures the sensor can only be plugged into the correct wiring harness (preventing electrical shorts). --- ### 3. Electrical Signal Integration To read the FRTS-65-R/Q, the sensor is typically integrated into a **Voltage Divider Circuit**: ```cpp // Example: Basic logic for reading an NTC-based FRTS sensor float resistance = (seriesResistor * (1023.0 / analogRead(sensorPin) - 1.0)); float temperature = calculateSteinhart(resistance); ``` --- ### 4. Application Context * **Coolant Sensing:** Measuring engine or battery coolant temperatures. * **Airflow Monitoring:** Fast response allows the ECU to adjust fuel/air ratios in real-time. * **Overheat Protection:** Used in power electronics to trigger emergency shutdowns.
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance-temperature (R/T) curve values for the 'Q' variant?
    • ⤷ How does the response time of the FRTS-65 compare to standard industrial sensors?
    • ⤷ Which specific connector mating cycle is rated for this part number?