전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTS-DF-R

  • AI
    The **FRTS-DF-R** is a high-precision digital force tester, typically part of a texture analyzer system (often manufactured by IMADA). It is designed to measure the physical properties of food, pharmaceuticals, and industrial materials. Below is an explanation of its primary electronic components and their functions. --- ### 1. Core Electronic Components | Component | Function | | :--- | :--- | | **Load Cell (Sensor)** | The "heart" of the device. It converts mechanical force into a low-voltage analog electrical signal using strain gauges. | | **A/D Converter** | A high-speed Analog-to-Digital converter that transforms the continuous voltage from the load cell into digital data for processing. | | **Microprocessor (CPU)** | The central unit that calculates force values, manages the testing profiles (compression, tension), and controls the motor movement. | | **Encoder** | An optical or magnetic sensor located on the motor shaft to track the precise position and travel distance of the probe. | | **Motor Drive System** | A precision stepper or servo motor controller that ensures constant speed and repeatable motion. | --- ### 2. Interface and Connectivity The electronics of the FRTS-DF-R are designed to interface with both human operators and external computing systems: * **Display Panel:** Usually a digital LED or LCD screen that shows real-time force, peak values, and units (N, kgf, lbf). * **USB/RS-232 Ports:** Used for data logging. The device sends digital packets to software (like Force Recorder) for graphing and analysis. * **I/O Port:** Allows the device to communicate with external machinery (e.g., PLC integration) via start/stop trigger signals. * **Overload Protection:** An electronic circuit breaker that cuts power to the motor if the force exceeds the load cell's capacity to prevent hardware damage. --- ### 3. Signal Flow Diagram ```mermaid graph LR A[Force Applied] --> B[Load Cell] B --> C[Amplifier & A/D Converter] C --> D[Microprocessor] D --> E[LCD Display] D --> F[PC via USB/RS-232] G[Limit Switch/Encoder] --> D ``` --- ### 4. Key Specifications (Electronic) * **Sampling Rate:** Typically up to 1000Hz - 2000Hz to capture rapid changes in material texture (e.g., the "snap" of a cracker). * **Power Supply:** AC adapter (100V - 240V) converted to DC for internal logic. * **Internal Memory:** EPROM/Flash memory to store calibration constants and user-defined test presets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sampling rate of the FRTS-DF-R for high-speed data logging?
    • ⤷ How does the overload protection circuit differ between digital and analog models?
    • ⤷ Can the FRTS-DF-R be integrated into an automated production line via PLC?