전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTS-E2-R

  • AI
    The **FRTS-E2-R** refers to a high-precision digital force gauge/texture analyzer component, typically used in food, pharmaceutical, and materials testing. It is a specialized sensing unit designed to measure compressive and tensile forces. ### 1. Key Electronic Components and Specifications The electronics within the FRTS-E2-R are centered around high-speed data acquisition and precise signal conversion. | Component | Description | | :--- | :--- | | **Load Cell** | A high-sensitivity strain gauge transducer that converts physical force into an electrical signal. | | **A/D Converter** | High-resolution Analog-to-Digital converter (typically 16 or 24-bit) for precise measurement. | | **Processor** | Embedded microcontroller used for real-time calculation and peak force detection. | | **Interface Port** | RS-232C or USB connectivity for digital data transmission to a PC. | | **Internal Memory** | Non-volatile memory used to store calibration constants and test settings. | --- ### 2. Functional Electronic Features The electronic design of the FRTS-E2-R enables several advanced measurement functions: * **Sampling Rate:** It usually features a high sampling rate (up to 2000Hz - 5000Hz depending on the specific firmware version) to capture sudden changes in texture or material fracture. * **Overload Protection:** Electronic sensors detect when force exceeds 110% of the rated capacity, triggering an alarm or emergency stop to prevent mechanical damage. * **Digital Filtering:** Built-in electronic filters help eliminate mechanical vibration or electrical noise from the final data output. * **Auto-Zeroing:** A digital tare function that allows the electronics to ignore the weight of attachments (like probes or hooks) before starting a test. --- ### 3. Connection and Integration In a laboratory setup, the FRTS-E2-R functions as part of a larger electronic ecosystem: 1. **Input Power:** Usually powered via a DC adapter or through the main texture analyzer base unit. 2. **Output Signals:** Digital output (ASCII or Binary) via RS-232C for integration with software like Force Recorder. 3. **Control Loop:** In motorized versions, the electronics provide feedback to the motor controller to stop movement once a specific "Break" point or "Force Limit" is reached. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum force capacity for the FRTS-E2-R model?
    • ⤷ How do I calibrate the load cell electronics in this device?
    • ⤷ Which software is compatible with the FRTS-E2-R for data logging?