전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRTS-FA-R

  • AI
    The **FRTS-FA-R** is a high-precision, motorized force-testing system, typically used in texture analysis and material testing (often associated with brands like Imada). It integrates mechanical hardware with sophisticated electronic control systems to measure properties like hardness, elasticity, and tension. --- ## 1. Core Electronic Components The system relies on a closed-loop electronic architecture to ensure accuracy and repeatability. | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Force Sensing | A strain-gauge-based transducer that converts mechanical force into a micro-volt electrical signal. | | **Servo Motor & Driver** | Motion Control | Provides precise vertical movement. The electronic driver manages speed, torque, and position feedback. | | **Linear Encoder** | Displacement Tracking | An optical or magnetic sensor that tracks the exact position of the probe to calculate distance/depth. | | **Main Control PCB** | Signal Processing | The "brain" that processes analog signals from the load cell and coordinates motor movements. | | **Touch Screen / HMI** | User Interface | An electronic display (Human-Machine Interface) for inputting parameters and viewing real-time graphs. | --- ## 2. Signal Processing Chain To achieve high-resolution force measurement, the electronics follow a specific path: 1. **Analog-to-Digital Conversion (ADC):** The tiny electrical signal from the load cell is amplified and converted into a digital value, often at high sampling rates (e.g., 1000Hz to 2000Hz) to capture sudden changes in texture. 2. **Feedback Loop:** The system compares the real-time force reading against the programmed limits. If a "break point" or "overload" is detected, the electronic controller stops the motor instantly to prevent damage. 3. **Data Output:** Processed data is sent via **RS-232C, USB, or Ethernet** ports for PC logging and analysis. --- ## 3. Electronic Safety Features The FRTS-FA-R includes several electronic safeguards to protect both the operator and the sensitive sensors: * **Electronic Overload Protection:** Automatically cuts power to the motor if the force exceeds the load cell's rated capacity. * **Limit Switches:** Physical or electronic sensors that prevent the moving crosshead from crashing into the base or the top of the frame. * **Emergency Stop:** A dedicated hard-wired circuit that overrides all software commands to kill power to the actuators. --- ## 4. Technical Specifications (Typical) | Feature | Electronic Specification | | :--- | :--- | | **Sampling Rate** | Up to 2000 data points per second | | **Power Supply** | 100V - 240V AC (Auto-switching) | | **Communication** | USB 2.0 / RS-232C / Analog Output | | **Display Type** | Color LCD with Backlight |
    ✨ Follow-up Questions
    • ⤷ What is the maximum force capacity supported by the FRTS-FA-R series?
    • ⤷ Can the FRTS-FA-R be integrated with external PLC systems for automation?
    • ⤷ Which software is used to analyze the electronic data output from this device?