FSE-165-R
AI

The **FSE-165-R** is a high-performance, shielded power inductor typically manufactured by companies like **Sumida** (often part of their FSE series). These components are critical in power management circuits, specifically designed to handle high currents while maintaining a compact footprint.
---
### 1. Key Technical Specifications
The electrical characteristics define how the part behaves under load. Below are the typical parameters for this series:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 1.6 µH (implied by "165" code, though exact values vary by sub-series) |
| **Current Rating (Isat)** | High Saturation Current (typically >10A depending on size) |
| **DCR (DC Resistance)** | Low resistance to minimize power loss |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Electronic Components & Construction
The FSE-165-R is not a single "part" but an assembly of several electronic materials:
* **Winding:** Utilizes high-conductivity copper wire. The "R" suffix often denotes **RoHS compliance** (lead-free) or specific reel packaging.
* **Magnetic Core:** Usually composed of a ferrite or metal composite powder. This core concentrates the magnetic field, allowing for higher inductance in a smaller volume.
* **Shielding:** The construction includes a magnetic shield that encloses the coil. This prevents the magnetic flux from interfering with nearby sensitive components (like CPUs or RF modules).
* **Terminations:** Solderable pads designed for **SMT (Surface Mount Technology)**, ensuring a robust mechanical and electrical connection to the PCB.
---
### 3. Application Use Cases
You will primarily find the FSE-165-R in the following circuits:
1. **DC-DC Converters:** Acts as the energy storage element in buck (step-down) or boost (step-up) regulators.
2. **Point of Load (POL) Supplies:** Used in high-speed computing environments where clean, stable power is required for processors.
3. **Noise Filtering:** Helps smooth out voltage ripples in power lines to prevent electronic "noise" from affecting performance.
---
### 4. Circuit Symbol and Implementation
In a schematic, this part is represented by the standard inductor symbol.
```spice
* Example of FSE-165-R in a Buck Converter stage
L1 Input_Node Output_Node 1.6uH ; The Inductor
C1 Output_Node GND 100uF ; Output Filter Capacitor
```
- ⤷
What is the exact saturation current (Isat) for the 1.6uH variant?
- ⤷ How does magnetic shielding in the FSE series compare to unshielded inductors?
- ⤷ What are the common footprints (dimensions) for the FSE-165 series?