전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSE-16D-R

  • AI
    The **FSE-16D-R** is a high-performance, compact **Solid State Relays (SSR)**, typically manufactured by companies like **FOTEK**. These components are used to switch electrical loads (like heaters or motors) without the use of moving mechanical parts. --- ### 1. Technical Specifications The FSE-16D-R is characterized by its specific voltage and current ratings. Below is a breakdown of its core parameters: | Parameter | Specification | | :--- | :--- | | **Control Voltage** | 4 ~ 32 VDC | | **Rated Load Current** | 16 Amps | | **Load Voltage Range** | 24 ~ 380 VAC | | **Switching Type** | Zero Cross (typically) | | **Response Time** | < 10ms | | **Dielectric Strength** | 2500 VAC | --- ### 2. Key Internal Components The "Electronic Parts" inside the FSE-16D-R work together to ensure isolated and efficient switching: * **Optocoupler (Optical Isolation):** This is the heart of the input stage. It converts the low-voltage DC signal into light, which triggers a sensor on the high-voltage side. This prevents high-voltage spikes from traveling back to your controller (like a PLC or Arduino). * **Triac or Back-to-Back Thyristors:** These act as the electronic "contacts." Since they are semiconductors, they don't spark or wear out like mechanical relay points. * **Zero-Crossing Circuit:** This internal circuit ensures the relay only switches "ON" when the AC sine wave passes through zero volts. This reduces Electromagnetic Interference (EMI) and protects the load from sudden current surges. * **Snubber Network:** An internal RC (Resistor-Capacitor) circuit that protects the semiconductor from high-speed voltage transients ($dV/dt$) often caused by inductive loads. --- ### 3. Connection Diagram Overview To use the FSE-16D-R, the wiring is split into two distinct sides: ```mermaid graph LR A[Controller DC 4-32V] --> B(Input Terminals 3 & 4) B --> C{Optical Isolation} C --> D(Output Terminals 1 & 2) D --> E[AC Load 24-380V] ``` ### 4. Advantages of the "R" Series The **-R** suffix often denotes specific characteristics such as: 1. **Reliability:** Enhanced thermal management for continuous operation. 2. **Mounting:** Designed for DIN rail or PCB mounting (depending on the specific form factor package). 3. **Resistance to Vibration:** Because there are no moving parts, it is ideal for environments with heavy machinery vibration. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero-Cross and Random switching in SSRs like the FSE-16D-R?
    • ⤷ What type of heatsink is recommended for a 16A load?
    • ⤷ Can this SSR be used to control DC loads instead of AC?