FSLM2520-R10K
AI

The **FSLM2520-R10K** is a surface-mount (SMD) wire-wound chip inductor designed primarily for high-frequency signal applications. It is part of the FSLM series, which is known for its compact size and high reliability in telecommunication and consumer electronics.
---
## 1. Technical Specifications
The part number itself follows a standardized naming convention that describes its physical and electrical characteristics.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (indicated by "R10") |
| **Tolerance** | ±10% (indicated by "K") |
| **Case Size (Imperial)** | 1008 |
| **Case Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Mounting Type** | Surface Mount (SMD) |
| **Construction** | Wire-wound with a resin mold |
---
## 2. Electrical Performance Data
While specific manufacturer data (like TDK) may vary slightly, typical performance metrics for this component include:
* **Test Frequency:** Usually measured at 25.2 MHz.
* **Quality Factor (Q):** Typically ranges from 25 to 30 (minimum) at the test frequency, indicating low energy loss.
* **Self-Resonant Frequency (SRF):** High SRF (often >400 MHz), making it suitable for RF applications.
* **DC Resistance (DCR):** Low resistance (usually <0.50 Ω) to minimize heat and power loss.
* **Rated Current:** Capable of handling approximately 400mA to 500mA (Idc).
---
## 3. Physical Construction
The "FSLM" series utilizes a specific build style:
1. **Core Material:** Usually a ferrite core to concentrate the magnetic field.
2. **Wire-wound:** A copper coil is wound around the core to achieve precise inductance values.
3. **Resin Molding:** The entire assembly is encapsulated in a hard resin. This provides:
* **Mechanical Strength:** Protects the delicate wire during automated pick-and-place assembly.
* **Environmental Protection:** Guards against moisture and oxidation.
* **Flat Top:** Ensures a reliable surface for vacuum nozzles during SMT mounting.
---
## 4. Typical Applications
This inductor is generally found in circuits where signal integrity and frequency filtering are required:
* **RF Modules:** Used in wireless communication devices for impedance matching.
* **Filtering:** Employed in LC filters to remove high-frequency noise from signal lines.
* **Telecommunications:** Base stations, routers, and mobile hardware.
* **Consumer Electronics:** Video equipment and high-speed data interfaces.
---
- ⤷What is the difference between the 'R10' and '1R0' markings in inductors?
- ⤷ How does the 'Q factor' impact the performance of this inductor in an RF circuit?
- ⤷ Are there recommended soldering profiles for resin-molded SMD inductors like the FSLM2520?