전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSM2JSMA

  • AI
    The **FSM2JSMA** typically refers to a specialized interface or adapter assembly used in industrial electronics, specifically designed to bridge **Fine Pitch Mezzanine (FSM)** connectors to **J-Type Small Form-factor (JSMA)** or similar RF/High-speed interfaces. These components are critical in telecommunications, radar systems, and high-speed data acquisition boards. --- ### 1. Key Electronic Components The assembly consists of several specialized parts designed to maintain signal integrity at high frequencies. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **FSM Connector** | High-density Interconnect | Fine pitch (usually 0.5mm to 1.0mm) mezzanine connector for PCB-to-PCB mating. | | **SMA/JSMA Ports** | RF Interface | Sub-Miniature version A connectors providing a 50-ohm impedance path for analog/RF signals. | | **Impedance Matching Network** | Signal Conditioning | Passive components (resistors/capacitors) that prevent signal reflection between the FSM and JSMA interfaces. | | **FR-4/Rogers PCB** | Substrate | High-frequency laminate material used to minimize dielectric loss. | --- ### 2. Electronic Characteristics To ensure the FSM2JSMA operates correctly, the following electronic specifications are usually met: #### High-Speed Signal Path The core electronic feature is the **differential pair routing**. Since FSM connectors often carry LVDS (Low-Voltage Differential Signaling), the traces on the adapter are length-matched to within mils to prevent phase skew. #### Shielding and Grounding * **EMI Shielding:** The JSMA housing is typically gold-plated brass or stainless steel, acting as a Faraday cage for the center conductor. * **Ground Planes:** Multiple internal layers in the adapter PCB serve as reference planes to maintain a consistent 50Ω or 100Ω environment. --- ### 3. Application Workflow ```mermaid graph LR A[Main CPU/FPGA Board] --> B[FSM Mezzanine Plug] B --> C{FSM2JSMA Adapter} C --> D[JSMA Coaxial Cable] D --> E[Antenna/Oscilloscope] ``` --- ### 4. Component Identification Table If you are troubleshooting the hardware, look for these specific markings: | Part ID | Type | Role | | :--- | :--- | :--- | | **J1** | FSM Header | Primary input from the baseboard. | | **ANT1 / RF_OUT** | JSMA Jack | The output port for the coaxial connection. | | **C1-C10** | DC Blocking Caps | Used if the signal requires AC coupling to protect sensitive RF stages. | | **R1-R4** | Termination Resistors | Usually 50-ohm resistors to prevent "ringing" on unused lines. | ---
    ✨ Follow-up Questions
    • ⤷ What are the typical frequency ranges supported by FSM2JSMA adapters?
    • ⤷ How do I troubleshoot signal loss between the FSM connector and the JSMA output?
    • ⤷ Are there specific pinout standards for FSM connectors in these assemblies?