전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSMD160-R

  • AI
    The **FSMD160-R** is a surface-mount **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse. It is commonly used in electronic circuits to provide overcurrent protection without the need for manual replacement after a fault. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the FSMD160-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 1.60 A | Maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 3.20 A | Minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 8 V | Maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 100 A | Maximum fault current the device can safely handle. | | **Power Dissipation ($P_d$)** | 0.8 W | Power dissipated when the device is in the tripped state. | | **Package Size** | 1812 (EIA) | Physical dimensions: 4.5mm x 3.2mm. | --- ### 2. Operating Principle The FSMD160-R functions based on the thermal properties of its conductive polymer: 1. **Normal Operation:** Under normal current loads (below 1.60A), the polymer is in a crystalline state with conductive carbon particles forming a low-resistance path. 2. **Fault Condition:** When an overcurrent occurs, the $I^2R$ heating causes the polymer to reach its glass transition temperature. 3. **Tripping:** The polymer expands, breaking the chains of carbon particles. The resistance increases dramatically, reducing the current to a safe leakage level. 4. **Resetting:** Once the fault is removed and the power is cycled/device cools down, the polymer contracts, reconnecting the conductive paths and restoring low resistance. --- ### 3. Applications The 1812 form factor and 1.6A rating make this part ideal for: * **USB Ports:** Protecting against short circuits in peripherals. * **Motherboards:** Overcurrent protection for I/O ports. * **Battery Packs:** Preventing excessive discharge or charging currents. * **Automotive Electronics:** Protecting non-critical sensor circuits. --- ### 4. Comparison: PTC vs. Traditional Fuse Unlike standard glass or ceramic fuses, the FSMD160-R offers distinct advantages and disadvantages: * **Pros:** Resettable (no maintenance), small SMD footprint, high reliability. * **Cons:** Slower response time than fast-blow fuses, higher internal resistance, performance is sensitive to ambient temperature.
    ✨ Follow-up Questions
    • ⤷ How does ambient temperature affect the hold current of the FSMD160-R?
    • ⤷ What is the typical 'Time to Trip' for this device at 8A?
    • ⤷ Are there 12V or 24V alternatives in the same 1812 package size?