전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSP-11-R

  • AI
    The **FSP-11-R** typically refers to a high-performance **Fiber Optic Pressure Sensor** or a specific **Pressure Transmitter** module (often associated with brands like FISO Technologies). These devices are designed to measure pressure in environments where traditional electronic sensors would fail due to Electromagnetic Interference (EMI) or extreme temperatures. ### 1. Core Electronic & Optical Components Unlike standard piezoresistive sensors, the FSP-11-R operates on optical principles, but it integrates with electronic conditioners. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Fabry-Pérot Cavity** | The sensing element that changes length based on pressure. | Glass/Silicon | | **Optical Fiber** | Transmits the light signal to and from the sensing tip. | Multi-mode Fiber | | **Internal Micro-capillary** | Provides the mechanical housing for the vacuum or reference pressure. | Glass/Quartz | | **Connector** | Bridges the optical sensor to the electronic readout unit. | ST or SMA Connector | --- ### 2. Technical Specifications The "electronics" of the system are defined by how the sensor interacts with its signal conditioner (the electronic box it plugs into). * **Excitation:** Provided by a White Light source (within the signal conditioner). * **Signal Output:** Modulated light spectrum (converted to 0-10V or 4-20mA by the conditioner). * **EMI/RFI Immunity:** 100% (Since the probe itself contains no copper or active electronic circuits). * **Sampling Rate:** Typically dependent on the electronic readout unit (e.g., 10Hz to 1000Hz). --- ### 3. Key Electronic Advantages 1. **Passive Sensing:** The probe head contains no electricity. This makes it intrinsically safe for explosive environments (ATEX) or high-voltage areas. 2. **Signal Conditioning:** The "R" in the model often signifies a specific range or ruggedization. The electronic unit calculates the "Gap" of the Fabry-Pérot cavity using Cross-Correlated White Light Interferometry. 3. **High Dielectric Isolation:** Because it uses glass fiber, the electronic readout is physically and electrically isolated from the measurement point, preventing ground loops. --- ### 4. Typical Wiring (Interface Side) While the sensor is fiber-optic, the **Signal Conditioner** (the electronic part it connects to) usually follows this standard pinout: ```yaml Pin 1: V+ (Power Supply, 12-24VDC) Pin 2: GND (Ground) Pin 3: Signal Output (+) (0-5V or 4-20mA) Pin 4: Signal Output (-) / Common ```
    ✨ Follow-up Questions
    • ⤷ How does white light interferometry differ from traditional electronic pressure sensing?
    • ⤷ What are the specific environmental limits for the FSP-11-R probe?
    • ⤷ Which signal conditioner models are compatible with the FSP-11-R?