전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSP-12-R/Q

  • AI
    The **FSP-12-R/Q** is a high-performance, single-output switching power supply, typically categorized under industrial or medical-grade power solutions. It is designed to provide stable DC power from an AC input source. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 90–264 VAC (Universal Input) | | **Output Voltage** | 12V DC | | **Power Rating** | Approximately 12W to 15W (Model dependent) | | **Efficiency** | >80% (Energy Star compliant versions) | | **Protection** | Over-voltage, Over-current, Short-circuit | | **Form Factor** | Open frame or Encapsulated (Desktop/Wall-mount variants) | --- ### 2. Core Electronic Components The circuitry of the FSP-12-R/Q consists of several critical stages that convert high-voltage AC into a safe, regulated 12V DC output: #### A. Input Filtering (EMI/EMC) * **X and Y Capacitors:** Filter out electromagnetic interference (EMI) to ensure the device doesn't interfere with other electronics. * **Common Mode Choke:** Inductor used to suppress high-frequency noise coming from the power line. #### B. Rectification & Bulk Storage * **Bridge Rectifier:** Converts the incoming AC sine wave into pulsating DC. * **Bulk Electrolytic Capacitor:** Smooths the pulsating DC into a stable high-voltage DC rail (usually around 380V-400V DC). #### C. Power Conversion (The Switching Stage) * **PWM Controller IC:** The "brain" that regulates the duty cycle of the switching transistor. * **MOSFET:** Acts as a high-speed switch, turning the DC rail on and off thousands of times per second (High Frequency). * **Main Transformer:** Uses the high-frequency switching to step down the voltage while providing galvanic isolation between the input and output. #### D. Output Rectification & Regulation * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into 12V DC. * **Optocoupler:** A critical component that provides feedback from the 12V output back to the PWM controller. It allows the power supply to adjust its output based on the load while maintaining electrical isolation. * **Low ESR Capacitors:** Filter the output ripple to ensure a clean 12V signal for sensitive electronics. --- ### 3. Protection Features The FSP-12-R/Q includes built-in safety mechanisms: 1. **Zener Diodes:** Used for over-voltage protection to prevent the output from exceeding safe limits. 2. **Thermistors (NTC):** Limit inrush current when the device is first plugged in to prevent sparking or blown fuses. 3. **Fuse:** A sacrificial component that breaks the circuit in case of a catastrophic internal failure. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the FSP-12-R/Q output connector?
    • ⤷ How does the 'Q' variant differ from the 'R' variant in terms of efficiency?
    • ⤷ Can this power supply be used for medical-grade applications requiring low leakage current?