전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSP-1A-R

  • AI
    The **FSP-1A-R** is a specific electronic component primarily identified as a **high-reliability reed sensor/switch**, often manufactured by companies like Standex Electronics (MEDER). These parts are designed for proximity sensing, security systems, and industrial automation. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for the FSP-1A-R series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Contact Form** | Form 1A (SPST-NO) | Single Pole Single Throw - Normally Open. | | **Max Switching Voltage** | 200 VDC | The maximum voltage the contacts can break. | | **Max Switching Current** | 0.5 A | The maximum current allowed during switching. | | **Power Rating** | 10 W | Maximum contact rating (Voltage × Current). | | **Contact Resistance** | < 150 mΩ | Typical resistance when the switch is closed. | | **Housing Material** | Plastic/Epoxy | Designed for environmental protection. | --- ### 2. Physical Construction and Working Principle The "Electronic Parts" within the FSP-1A-R consist of several critical sub-components: 1. **Reed Blades:** Two ferromagnetic blades (usually a nickel-iron alloy) hermetically sealed inside a glass envelope. 2. **Contact Plating:** The tips of the blades are often plated with **Rhodium or Ruthenium**. This ensures high conductivity and prevents the contacts from "sticking" or oxidizing over millions of cycles. 3. **Molded Housing:** The "R" in the suffix often denotes a specific lead configuration or a ruggedized molded package that protects the fragile glass reed from mechanical stress. 4. **Magnetic Actuation:** Being a passive component, it does not require power to "wait" for a signal. It closes its circuit only when a magnetic field (from a permanent magnet or electromagnet) is brought within range. --- ### 3. Common Applications Due to its hermetic seal and high reliability, the FSP-1A-R is utilized in: * **Proximity Sensing:** Detecting if a door or panel is open/closed. * **Liquid Level Sensing:** Used inside floats to trigger high/low alarms. * **Safety Interlocks:** Ensuring machine guards are in place before operation. * **Pulse Counting:** Acting as a sensor for flow meters. --- ### 4. Advantages of this Specific Component * **Isolation:** Since the contacts are sealed in glass, they are immune to explosive atmospheres, dust, and moisture. * **Zero Power Consumption:** It consumes no electricity in its quiescent state. * **Long Life:** Capable of reaching over $10^7$ or $10^8$ switching cycles under low loads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Form 1A and Form 1C in reed switches?
    • ⤷ How do I calculate the pull-in/drop-out sensitivity for the FSP-1A-R?
    • ⤷ What are the recommended protection circuits for switching inductive loads with this part?