전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSP-25-R

  • AI
    ## FSP-25-R Electronic Component Overview The **FSP-25-R** is typically identified as a **Power Resistor**, often belonging to the aluminum-housed wirewound category. These components are designed for high power dissipation in a compact form factor. --- ### 1. Key Technical Specifications Below are the standard electronic characteristics associated with the FSP-25-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Wirewound Power Resistor | | **Power Rating** | 25 Watts (with appropriate heat sink) | | **Construction** | Aluminum housed for thermal conduction | | **Mounting Type** | Chassis Mount (Chassis acting as heat sink) | | **Tolerance** | Typically ±1% or ±5% | | **Temperature Coefficient** | Low (typically ±50ppm to ±100ppm/°C) | | **Termination** | Solder lugs or lead wires | --- ### 2. Internal Composition and Design The "Electronic Parts" within this component are structured to handle high thermal energy: * **Resistive Element:** A high-grade alloy wire (often Ni-Cr) wound onto a ceramic core. The gauge of the wire determines the resistance value. * **Insulation:** The internal wire is encapsulated in a high-temperature silicone or cement molding compound to prevent shorting against the metal case. * **Housing:** An anodized aluminum extrusion. The fins on the housing increase surface area for heat dissipation. * **End Caps:** Stainless steel or plated brass caps that provide the mechanical connection between the resistive element and the external terminals. --- ### 3. Application Use-Cases The FSP-25-R is commonly used in circuits where excess energy must be converted to heat safely: 1. **Dynamic Braking:** Used in motor controllers to dissipate energy when a motor slows down. 2. **Load Testing:** Acts as a "dummy load" to test power supplies. 3. **Inrush Current Limiting:** Protects sensitive electronics by limiting initial current spikes. 4. **Voltage Dividers:** Used in high-power power distribution units. --- ### 4. Critical Installation Note For the FSP-25-R to reach its full **25W rating**, it must be mounted directly onto a metal surface (chassis) using thermal grease. Without a heat sink, the power rating is significantly derated (often to less than 50% of its capacity).
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance values available for the FSP-25-R?
    • ⤷ How do I calculate the required heat sink size for a 25W resistor?
    • ⤷ Is the FSP-25-R non-inductive or inductive by default?