전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSP-2G-R

  • AI
    The **FSP-2G-R** is an industrial-grade **Dual-Port Small Form-Factor Pluggable (SFP) to Gigabit Ethernet Media Converter**. It is primarily designed to bridge the gap between fiber optic networks and copper-based Ethernet infrastructures. --- ## 1. Core Electronic Components & Architecture The device is composed of several critical subsystems that manage signal conversion, power regulation, and data integrity. ### Key Components Table | Component | Function | Detail | | :--- | :--- | :--- | | **SFP Slots (x2)** | Optical Interface | Supports 100/1000Base-X transceivers (LC connectors). | | **RJ45 Ports (x2)** | Copper Interface | 10/100/1000Base-T with Auto-MDI/MDI-X support. | | **Switch Fabric IC** | Data Processing | Manages Layer 2 packet switching and Store-and-Forward logic. | | **Voltage Regulators** | Power Management | Steps down input voltage (e.g., 12-48V DC) to internal logic levels (3.3V/1.2V). | | **LED Indicators** | Status Monitoring | Visual feedback for Power, Link/Act, and Speed. | --- ## 2. Technical Specifications The electronic design focuses on high availability and low latency. * **Conversion Logic:** It uses a PHY (Physical Layer) chip to translate differential signals from the copper twisted pair into serial optical signals. * **Redundancy Features:** The "R" in the model often signifies **Redundancy**. This allows for "Fiber Redundancy" where if one fiber link fails, the second SFP port takes over within milliseconds. * **Jumbo Frame Support:** The internal buffer memory typically supports frames up to 9K or 10K bytes to improve throughput in data-heavy environments. --- ## 3. Power and Protection Circuitry Because these units are often used in harsh environments, the internal PCB (Printed Circuit Board) includes: 1. **ESD Protection:** Electrostatic Discharge protection on the RJ45 ports to prevent damage from power surges. 2. **Wide Voltage Input:** Often features a terminal block for DC power (ranging from 12V to 48V) to suit industrial power rails. 3. **Heat Dissipation:** Usually housed in a metal chassis that acts as a passive heat sink for the internal ICs. --- ## 4. Typical Connection Diagram ```mermaid graph LR A[Fiber Optic Cable] -->|LC Connector| B(SFP Module) B --> C[FSP-2G-R Internal Logic] C --> D[RJ45 Ethernet Port] D -->|Cat5e/6| E[PC / PLC / Camera] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance supported by the FSP-2G-R using Single-Mode fiber?
    • ⤷ Does this model support Power over Ethernet (PoE) for connected devices?
    • ⤷ How does the 'Link Fault Pass-Through' (LFP) feature work in this converter?