전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FST6340SL

  • AI
    The **FST6340SL** is a high-power Schottky Barrier Diode module designed for high-frequency switching applications. It is commonly used in industrial power supplies and heavy-duty rectifiers. --- ### 1. Key Technical Specifications The part number typically describes a "Common Cathode" configuration where two diodes share a center terminal. | Feature | Specification | | :--- | :--- | | **Component Type** | Schottky Rectifier Module | | **Configuration** | Common Cathode (Dual Diode) | | **Max Average Forward Current ($I_{F(AV)}$)** | 60 Amperes (30A per leg) | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 40 Volts | | **Forward Voltage Drop ($V_F$)** | ~0.55V to 0.65V (depending on current) | | **Operating Temperature** | -55°C to +150°C | | **Package Style** | Low Profile / SOT-227 equivalent (Screw terminals) | --- ### 2. Major Electronic Characteristics #### A. Low Forward Voltage Drop As a Schottky diode, it uses a metal-to-semiconductor junction rather than a P-N junction. This results in a significantly lower voltage drop ($V_F$), which improves energy efficiency and reduces heat generation compared to standard silicon diodes. #### B. High Switching Speed Schottky diodes have negligible reverse recovery time ($t_{rr}$). This makes the FST6340SL ideal for high-speed switching power supplies where "switching losses" must be kept to a minimum. #### C. Guard Ring Protection Most industrial-grade Schottky modules like this one include a "guard ring" for transient protection. This helps the component handle high $dv/dt$ (rate of voltage change) and protects against stress during reverse bias. --- ### 3. Pin Configuration and Internal Logic The "FST" series in this package usually follows a dual-diode layout: * **Terminal 1:** Anode 1 * **Terminal 2:** Common Cathode (Output) * **Terminal 3:** Anode 2 --- ### 4. Common Applications Due to its 60A/40V rating, the FST6340SL is typically found in: * **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. * **Battery Chargers:** Handling high current charging for lead-acid or lithium systems. * **Free-wheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. * **Solar Converters:** Managing DC rectification with minimal power loss.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the FST6340SL at full 60A load?
    • ⤷ How does the FST6340SL compare to the FST6345 in terms of voltage limits?
    • ⤷ What is the specific package footprint for PCB mounting?