전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FSTMMBL

  • AI
    The term **FSTMMBL** refers to the **FST** series (Fast Switching/Function Specific) **MMBL** (Miniature/Molded Ball Lattice or specific package designation) components, often associated with high-speed bus switches and digital logic interfaces. Below is a breakdown of the electronic characteristics and technical aspects of these parts. --- ### 1. Core Functionality FST components are primarily **Bus Switches**. Unlike traditional buffers, they act like a mechanical switch with zero propagation delay. When the output enable (OE) is low, the switch is closed, allowing data to flow bi-directionally. ### 2. Technical Specifications The following table highlights the typical electrical characteristics for FSTMMBL-class components: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Propagation Delay** | < 0.25 ns | Near-zero delay for high-speed data. | | **On-Resistance ($R_{on}$)** | 3Ω - 7Ω | Low resistance to minimize signal attenuation. | | **Voltage Range** | 3.3V to 5.0V | Common supply voltage for TTL/CMOS logic. | | **Off-Isolation** | High | Prevents leakage when the channel is disabled. | | **Capacitance** | Low (5-10 pF) | Essential for maintaining signal integrity at high frequencies. | --- ### 3. Key Electronic Features * **Bi-directional Flow:** Since it is a FET-based switch, data can flow from Port A to Port B or vice versa without needing a direction control pin. * **Low Power Consumption:** These parts use CMOS technology, meaning they consume minimal power in both active and standby modes. * **Hot-Swap Capability:** Many FST parts are designed to support "Hot-Plugging," protecting the circuitry when cards are inserted or removed from a live backplane. * **Zero Bounce:** Unlike mechanical relays, these electronic switches do not suffer from contact bounce, ensuring clean digital transitions. --- ### 4. Typical Application Circuit In a digital system, these parts are often used for **Bus Isolation**. ```mermaid graph LR CPU[CPU Bus] <--> FST[FST Bus Switch] FST <--> PER[Peripheral/Memory] OE[Enable Pin] --> FST ``` ### 5. Package Types The "MBL" suffix often denotes the packaging style, typically: * **SSOP/TSSOP:** Small Outline Packages for high-density PCB layouts. * **BGA/VFBGA:** Ball Grid Array for ultra-compact mobile or telecommunication devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an FST bus switch and a standard 74-series buffer?
    • ⤷ How does on-resistance affect signal integrity in high-speed designs?
    • ⤷ In what scenarios is hot-swapping protection necessary for these components?