AI

### FT201XS-R: Full-Speed USB to I2C Bridge IC
The **FT201XS-R** is a compact, power-efficient USB-to-I2C interface bridge developed by FTDI Chip. It is part of the **FT-X series**, specifically designed to reduce component count and PCB space by integrating many functions that previously required external components.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **USB Interface** | USB 2.0 Full Speed (12Mbps) |
| **I2C Interface** | Standard (100kHz), Fast (400kHz), Fast Plus (1MHz) |
| **Package** | 16-pin SSOP (Small Outline Package) |
| **Operating Voltage** | +3.3V to +5.25V |
| **I/O Voltage Range** | +1.8V to +3.3V (VCCIO) |
| **EEPROM** | Internal 2048-byte MTP memory |
| **Clocking** | Fully integrated internal clock (No crystal required) |
---
### 2. Core Electronic Components & Features
The FT201XS-R is more than just a converter; it contains several internal subsystems:
* **Integrated Clock Circuitry:** It does not require an external crystal or resonator, which reduces EMI and saves board space.
* **MTP Memory (Multi-Time Programmable):** It includes 2KB of internal memory used to store USB Vendor ID (VID), Product ID (PID), device serial strings, and power descriptor information.
* **Voltage Regulator:** An integrated +3.3V LDO regulator powers the USB transceiver and provides a reference for the I/O pins.
* **CBUS I/O Pins:** It features multi-function configurable I/O pins that can be used for:
* Driving status LEDs (TX/RX).
* Battery charger detection (detecting if the USB port is a dedicated charging port).
* Clock output (6MHz, 12MHz, or 24MHz).
* **BCD (Battery Charger Detection):** A hardware feature that detects the presence of a USB charging port to allow higher current draw for battery charging.
---
### 3. Pinout Configuration
The 16-pin SSOP layout is optimized for simple routing:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **VCC** | Power | Main power supply (+5V or +3.3V) |
| **VCCIO** | I/O Power | Sets the logic level for I2C and CBUS pins |
| **USBDM/USBDP** | Data | USB differential pair (D- and D+) |
| **SCL / SDA** | I2C Bus | Serial Clock and Serial Data lines |
| **RESET#** | Input | Active low hardware reset |
| **CBUS(0-3)** | Configurable | I/O for LEDs, Sleep, or Power Enable |
---
### 4. Implementation Example (Basic Circuit)
```markdown
USB Connector FT201XS-R I2C Peripheral
------------- ------------ --------------
VBUS (5V) ------> VCC (Pin 10)
D- ------> USBDM (Pin 15)
D+ ------> USBDP (Pin 14)
GND ------> GND (Pin 13)
SDA (Pin 1) -----> SDA (with 2.2k Pull-up)
SCL (Pin 5) -----> SCL (with 2.2k Pull-up)
```
---
### 5. Common Use Cases
1. **USB Dongles:** Adding USB connectivity to existing I2C-based sensors or displays.
2. **System Debugging:** Using a PC to communicate directly with an I2C bus on a prototype board.
3. **Battery Charging:** Utilizing the BCD pin to signal a microcontroller to switch to high-current charging mode.
- ⤷
What are the differences between the FT201X and the FT232R?
- ⤷ How do I program the internal MTP memory on the FT201XS?
- ⤷ Can the FT201XS-R operate in I2C Slave mode?