전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FT902L-R

  • AI
    The **FT902L-R** is a high-performance 32-bit RISC microcontroller developed by FTDI Chip (Bridgetek). It is part of the FT90x series, designed specifically for high-speed connectivity and data-intensive applications. --- ### 1. Key Technical Specifications The FT902L-R is characterized by its high execution speed and low power consumption. | Feature | Specification | | :--- | :--- | | **Core** | 32-bit FT32 RISC (Proprietary) | | **Clock Speed** | Up to 100 MHz | | **Performance** | 3.1 DMIPS/MHz | | **Flash Memory** | 256 KB | | **Shadow RAM** | 64 KB (Zero Wait State) | | **Data RAM** | 64 KB | | **Package** | 48-pin LQFP | --- ### 2. Core Functional Blocks The architecture is designed to handle peripheral data with minimal CPU overhead. #### A. High-Speed Interfaces * **USB 2.0 Hi-Speed:** Support for Host and Device modes at 480 Mbps. * **10/100 Ethernet:** Integrated MAC with MII interface for networking. * **Camera Parallel Interface:** Supports VGA resolution sensors. #### B. Standard Connectivity * **SPI:** Support for Master and Slave modes. * **I2C:** Two I2C interfaces for peripheral communication. * **UART:** Two high-speed UARTs. * **PWM:** Seven-channel PWM for motor control or LED dimming. #### C. Analog Components * **ADC:** 7-channel, 10-bit Analog-to-Digital Converter. * **DAC:** 2-channel, 10-bit Digital-to-Analog Converter. --- ### 3. Unique Hardware Features 1. **Zero Wait State Execution:** The 64KB Shadow RAM allows the processor to execute code at full speed (100MHz) without the latency typically associated with reading directly from Flash memory. 2. **Parallel Data Handling:** The architecture is optimized for moving data between the USB/Ethernet ports and the memory buffer without bottlenecks. 3. **Low Power Modes:** Includes several sleep and power-down modes suitable for battery-operated devices. --- ### 4. Typical Applications The FT902L-R is commonly found in designs requiring a bridge between high-speed protocols: * **USB-to-Ethernet Bridges:** Industrial networking. * **Security Cameras:** Low-resolution video streaming over Ethernet or USB. * **Medical Monitoring:** High-speed data acquisition and transmission. * **Home Automation:** Central gateways connecting various sensors to a network. ---
    ✨ Follow-up Questions
    • ⤷ How does the Shadow RAM feature improve the performance of the FT902L-R compared to standard microcontrollers?
    • ⤷ What are the primary differences between the FT902 and other models in the FT90x series?
    • ⤷ Which development tools or IDEs are recommended for programming the FT32 RISC core?