전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTG-26-R

  • AI
    The **FTG-26-R** is a specific type of electronic connector, commonly classified under high-current, board-to-board, or terminal block interfaces. It is frequently associated with power distribution and control systems. Below is a breakdown of its technical specifications, construction, and typical applications. --- ### 1. Technical Specifications The FTG series typically focuses on robust electrical conductivity and secure mechanical fastening. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Terminal Block / Power Connector | | **Current Rating** | High Amperage (varies by gauge, often up to 25A-30A) | | **Mounting Type** | PCB Mount or Rail Mount (depending on variant) | | **Termination Method** | Screw or Spring Clamp | | **Pitch** | Standardized for high-voltage clearance | | **RoHS Status** | Compliant (R suffix usually denotes RoHS) | --- ### 2. Key Electronic Parts & Materials The performance of the FTG-26-R relies on several internal and external components: 1. **Conductive Body:** Usually made of a **Copper Alloy** (often tin-plated) to ensure low contact resistance and prevent oxidation. 2. **Insulation Housing:** Constructed from **Polyamide (PA66)** or a similar high-grade plastic. This provides high dielectric strength and heat resistance (UL94V-0 flammability rating). 3. **Clamping Mechanism:** Uses steel or brass screws/springs to provide the "Contact Pressure" necessary to hold wires securely without damaging the strands. 4. **Solder Pins:** For PCB-mounted versions, these pins are designed for wave soldering and are shaped to provide mechanical stability during wire insertion. --- ### 3. Application Areas Because of its "R" designation (often implying right-angle or RoHS compliance depending on the specific manufacturer), it is used in: * **Industrial Automation:** Powering PLCs and sensor arrays. * **Power Supplies:** Serving as the output terminal for AC/DC converters. * **HVAC Systems:** Used in control boards for heating and cooling units. * **Renewable Energy:** Inverters and solar charge controllers where high-reliability connections are required. --- ### 4. Identification and Suffixes * **FTG:** Series identifier (often refers to a specific terminal geometry). * **26:** Usually refers to the number of positions/poles or a specific physical dimension (like width). * **R:** Generally signifies **RoHS Compliance** or **Right-Angle** orientation.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin spacing (pitch) for the FTG-26-R?
    • ⤷ Is there a datasheet available for the maximum voltage rating of this part?
    • ⤷ Can this connector be used with stranded wire or only solid core wire?