전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTG-32-R

  • AI
    The **FTG-32-R** refers to a high-performance **Fine-pitch Board-to-FPC (Flexible Printed Circuit)** connector, typically manufactured by companies like Hirose or similar high-end electronic component firms. It is designed for compact electronic devices where space is limited but high signal integrity is required. --- ### 1. Key Technical Specifications The "32" in the part number generally refers to the number of positions (pins). Below are the typical electronic characteristics of this series: | Parameter | Typical Value | | :--- | :--- | | **Number of Contacts** | 32 Pins | | **Pitch** | 0.35 mm or 0.4 mm (Fine-pitch) | | **Current Rating** | 0.3A to 1.0A per pin | | **Voltage Rating** | 30V - 50V AC/DC | | **Contact Resistance** | Max 100 mΩ | | **Operating Temperature** | -35°C to +85°C | --- ### 2. Major Electronic Components & Materials The construction of the FTG-32-R involves specific materials to ensure electrical conductivity and mechanical durability: * **Contacts (Terminals):** Usually made of **Phosphor Bronze** with **Gold plating** over Nickel. Gold is used to prevent oxidation and maintain low contact resistance over time. * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer). This material is chosen because it can withstand the heat of **Reflow Soldering** without deforming. * **Metal Solder Tabs (Shielding/Fitting Nails):** These are additional metal parts on the sides of the connector that are soldered to the PCB to provide mechanical strain relief and, in some versions, EMI grounding. --- ### 3. Application Areas Because of its small footprint and reliability, the FTG-32-R is commonly found in: 1. **Smartphones:** Connecting the display or camera module to the main logic board. 2. **Wearables:** Used in smartwatches and fitness trackers where internal volume is extremely restricted. 3. **Medical Devices:** Small handheld diagnostic tools. 4. **Tablets/Laptops:** Internal routing for sub-boards (USB boards, sensor arrays). --- ### 4. Mounting and Integration The part is an **SMT (Surface Mount Technology)** component. ```markdown # Soldering Guidelines 1. Solder Paste: Lead-free SAC305 is recommended. 2. Stencil Thickness: 0.1mm to 0.12mm for precise deposition. 3. Pick-and-Place: Compatible with vacuum nozzles for automated assembly. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pitch measurement for the FTG-32-R?
    • ⤷ Is there a specific mating connector required for this part?
    • ⤷ What are the recommended reflow soldering profiles for LCP housings?