전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTG-54-R

  • AI
    The **FTG-54-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Fuse** or a specialized **Thermal Cut-off / Circuit Protector**. These parts are designed to protect electronic circuits from overcurrent or over-temperature conditions by breaking the connection when specific thresholds are met. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like Bourns or specialized thermal fuse producers), the FTG-54-R generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) | | **Function** | Circuit Protection (Thermal/Current) | | **Mounting Type** | SMT (Surface Mount Technology) | | **Configuration** | Single Element | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Key Electronic Features The "FTG" series is often characterized by its high reliability in automotive and industrial power applications. * **Thermal Sensitivity:** Unlike a standard fuse that only reacts to current, many FTG-style components are designed to react to excessive heat buildup on the PCB, providing a dual layer of protection. * **Low Internal Resistance:** To prevent voltage drops across the component during normal operation, these parts are engineered with very low DCR (DC Resistance). * **High Inrush Current Withstand:** Designed to allow temporary surges (like motor startups or capacitor charging) without "nuisance tripping." --- ### 3. Pinout and Physical Structure The FTG-54-R typically utilizes a standard rectangular footprint for automated pick-and-place assembly. ```markdown [ Top View ] _________________ | | | (Logo) | <-- Ceramic or Composite Body | FTG-54 | |_________________| [Terminal 1] [Terminal 2] ``` --- ### 4. Common Applications Due to its robust design, the FTG-54-R is frequently found in: 1. **Battery Management Systems (BMS):** Protecting cells from thermal runaway. 2. **Power Supplies:** Acting as a secondary safety layer for AC/DC converters. 3. **Automotive Electronics:** Used in ECU protection and lighting modules. 4. **Consumer Electronics:** High-draw devices like power tools or vacuum cleaners. --- ### 5. Selection Considerations When replacing or designing with an FTG-54-R, engineers must consider: * **Holding Current ($I_{hold}$):** The maximum current the device can carry without tripping. * **Tripping Current ($I_{trip}$):** The current level at which the device is guaranteed to open the circuit. * **Maximum Voltage ($V_{max}$):** The maximum voltage the device can withstand when in the "open" state.
    ✨ Follow-up Questions
    • ⤷ What is the exact tripping temperature for the FTG-54-R?
    • ⤷ Is the FTG-54-R a resettable PPTC or a one-time blow fuse?
    • ⤷ What are the recommended soldering profile settings for this SMD component?