전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTG-62-R

  • AI
    The **FTG-62-R** is a specialized high-power, flange-mount RF termination (dummy load) typically used in radio frequency applications. It is designed to dissipate RF energy into heat, preventing signals from reflecting back into sensitive equipment like transmitters or power amplifiers. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typical for this component series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Flange-Mount Termination / Resistor | | **Resistance** | 50 Ohms (Standard for RF systems) | | **Power Rating** | 60 Watts to 100 Watts (depending on heatsinking) | | **Frequency Range** | DC to 3.0 GHz (Common range for FTG series) | | **Tolerance** | ± 5% (Standard) | | **Mounting Type** | Flange mount (requires thermal paste/heatsink) | --- ### 2. Physical and Electronic Construction The "R" in the part number often signifies a specific lead configuration or RoHS compliance. * **Substrate Material:** Usually constructed using **BeO (Beryllium Oxide)** or **AlN (Aluminum Nitride)**. These materials are chosen for their excellent thermal conductivity and electrical insulation. * **Resistive Element:** A thick-film or thin-film resistive layer is deposited on the substrate to provide the 50-ohm impedance. * **The Flange:** The copper base plate is nickel or silver-plated. It serves as the electrical ground and the primary thermal path to the external heatsink. * **The Lead:** A single flat tab (lead) is used for the RF input. This lead is designed for low inductance to maintain performance at high frequencies. --- ### 3. Critical Application Notes When integrating the FTG-62-R into an electronic circuit, several factors must be considered: 1. **Heat Dissipation:** Because this is a power component, it **must** be mounted to a proper heatsink. Without a thermal interface (like thermal grease) and a large metal surface, the component will fail rapidly under load. 2. **Impedance Matching:** It is used as a 50-ohm load to match the characteristic impedance of coaxial cables and RF circuits, ensuring a low **VSWR** (Voltage Standing Wave Ratio). 3. **Grounding:** The flange itself is the ground. Ensuring a solid, low-impedance connection between the flange and the system ground plane is vital for high-frequency performance. --- ### 4. Common Use Cases * **Isolators:** Used on the third port of a circulator to create an isolator. * **Power Dividers/Combiners:** Acts as a balance resistor in Wilkinson power dividers. * **Transmitter Testing:** Used as a dummy load during calibration to prevent radiation of signals over the air.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FTG-62-R before power derating is required?
    • ⤷ How does the VSWR of this component change as the frequency approaches 3 GHz?
    • ⤷ Are there AlN (Aluminum Nitride) alternatives to this part for Beryllium-free requirements?