전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTG-8D-R

  • AI
    The **FTG-8D-R** is a specialized electronic component, typically categorized as a **High-Density Gas Discharge Tube (GDT)** or a **Protection Module**, often used in telecommunications and industrial surge protection systems. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) / Surge Arrester | | **Configuration** | 8-Dot / 8-Pin Radial or Array layout | | **Nominal DC Spark-over Voltage** | Usually ranges between 75V to 600V (model specific) | | **Impulse Discharge Current** | High capacity (e.g., 5kA to 20kA @ 8/20μs) | | **Insulation Resistance** | >100 MΩ | | **Capacitance** | Very Low (< 1.5pF), ideal for high-speed data | --- ### 2. Core Electronic Parts & Materials The FTG-8D-R is comprised of several critical internal elements designed to handle high-voltage transients: * **Ceramic Envelope:** The outer body is made of high-grade technical ceramics. This provides structural integrity and high insulation resistance. * **Internal Electrodes:** These are the conductive "dots" or pins. They are typically coated with an emissive material to ensure a stable spark-over voltage. * **Inert Gas Filling:** The space between electrodes is filled with a specific mixture of noble gases (like Neon or Argon). This gas ionizes at a specific voltage to create a conductive path. * **Radial Terminals (The "R" Suffix):** The "R" usually denotes a **Radial** lead configuration, allowing the part to be soldered directly onto a Printed Circuit Board (PCB) vertically. --- ### 3. Functional Principle The FTG-8D-R acts as a high-speed switch: 1. **Standby Mode:** In normal conditions, the gas is an insulator, and the part has virtually no effect on the circuit. 2. **Ionization:** When a surge (like lightning or an inductive kick) hits the line, the gas ionizes. 3. **Arcing:** The tube enters an "arc state," effectively short-circuiting the surge to the ground and protecting sensitive downstream electronics. 4. **Reset:** Once the voltage drops, the gas de-ionizes, and the component returns to its non-conductive state. --- ### 4. Common Applications * **ADSL/VDSL Lines:** Due to low capacitance, it doesn't distort high-speed internet signals. * **Power Supplies:** Used as a primary defense against mains power surges. * **Medical Equipment:** Protecting sensitive diagnostic tools from electrostatic discharge (ESD).
    ✨ Follow-up Questions
    • ⤷ What is the exact spark-over voltage rating for the FTG-8D-R variant?
    • ⤷ How does the '8D' designation affect the pinout configuration on a PCB?
    • ⤷ What are the recommended soldering temperature profiles for radial GDTs?