전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTG-B1-R

  • AI
    ## Overview of the FTG-B1-R The **FTG-B1-R** is a specialized electronic component, typically categorized as a **terminal block connector** or a **high-current busbar distribution block**. It is frequently utilized in industrial automation, power distribution cabinets, and control systems to manage wiring efficiently and safely. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Feed-through Terminal Block / Distribution Block | | **Current Rating** | Generally rated for high amperage (varies by specific series, often 50A - 150A) | | **Voltage Rating** | Typically 600V to 1000V (AC/DC) | | **Connection Method** | Screw-down or Bolted connection | | **Housing Material** | Polyamide (PA66) / UL 94V-0 Flame Retardant | | **Mounting Style** | DIN Rail (TS-35) or Panel Mount | --- ### 2. Physical Construction and Components The FTG-B1-R consists of several critical electronic and mechanical parts: * **Conductive Busbar:** The heart of the unit, usually made of **electrolytic copper** or brass with a tin/nickel plating to ensure low contact resistance and prevent oxidation. * **Clamping Mechanism:** High-strength steel screws and pressure plates that ensure a vibration-resistant connection between the wire and the busbar. * **Insulating Body:** A robust plastic housing that provides electrical isolation between adjacent circuits and protection against accidental human contact (IP20 rating). * **Color Coding:** The "-R" suffix often indicates a **Red** housing, used for identifying specific polarities, DC positive lines, or emergency circuits. --- ### 3. Common Applications * **Industrial Control Panels:** Used as a central point for power distribution to PLC inputs or motor starters. * **Renewable Energy:** Integrated into solar combiner boxes to manage high-current DC strings. * **Battery Management Systems (BMS):** Serving as heavy-duty bridge points for battery interconnects. --- ### 4. Installation Considerations ```yaml Installation_Steps: 1: Ensure the DIN rail is securely grounded. 2: Strip the wire insulation to the manufacturer-specified length (approx. 15-20mm). 3: Insert the conductor into the terminal throat. 4: Tighten the screw to the specified torque (Nm) to prevent overheating. 5: Attach end covers or partition plates if using multiple blocks in a row. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge (AWG) supported by the FTG-B1-R?
    • ⤷ Does this model support bridging or jumping to adjacent terminals?
    • ⤷ What is the specific torque requirement for the terminal screws?