전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTS-06-R/BL

  • AI
    The **FTS-06-R/BL** is a specific electronic component typically categorized as a high-performance **Fiber Optic Transmitter** or a specialized **LED/Infrared Emitter** used in data communication and sensing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The "FTS" series often refers to **Fiber Optic Transmitters** designed for industrial, medical, or military applications where high-speed data transmission via optical fiber is required to avoid Electromagnetic Interference (EMI). | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Transmitter (LED Source) | | **Wavelength** | Typically 650nm (Red) or 850nm (Infrared) | | **Termination** | ST, SMA, or specialized connector (indicated by suffix) | | **Housing Material** | Metal or high-grade polymer (for durability) | --- ### 2. Key Technical Specifications While exact specs vary by manufacturer (such as Industrial Fiber Optics or similar vendors), the 06-R/BL series generally follows these electrical parameters: * **Peak Wavelength:** ~660 nm (Visible Red Spectrum). * **Forward Current ($I_f$):** Typically 20mA to 50mA. * **Forward Voltage ($V_f$):** 1.8V to 2.4V. * **Reverse Voltage ($V_r$):** 3V to 5V maximum. * **Rise/Fall Time:** Fast switching speeds (nanoseconds) suitable for MHz data rates. --- ### 3. Pinout and Internal Structure The device usually consists of a high-speed LED chip coupled to an optical lens. ```mermaid graph LR A[Anode Pin] --> B[Internal LED Chip] B --> C[Optical Lens/Window] D[Cathode Pin] --> B ``` --- ### 4. Application Areas These parts are chosen for environments where copper wiring is unsuitable: 1. **Industrial Automation:** Transmitting control signals in high-voltage environments. 2. **Medical Equipment:** Isolated data links for patient safety and noise reduction. 3. **Digital Audio:** Standard TOSLINK-style high-speed optical data paths. 4. **Sensing:** Edge detection or proximity sensing using fiber optic light guides. --- ### 5. Suffix Definitions * **-06:** Refers to the specific mechanical housing or optical power grade. * **-R:** Often signifies **Red** light spectrum (660nm). * **-BL:** Usually denotes a **Bulk** packaging or a specific **Blue** lens/housing color for identification purposes.
    ✨ Follow-up Questions
    • ⤷ What are the recommended driving circuits for this fiber optic transmitter?
    • ⤷ How does the FTS-06-R/BL compare to the infrared (IR) version in terms of range?
    • ⤷ What is the maximum data rate (Mbps) supported by this component?