전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTS-2E-R/K

  • AI
    The **FTS-2E-R/K** refers to a high-performance **Fiber Optic Thermal Stripper** (often associated with the Sumitomo or generic high-end fusion splicer accessory lines). This electronic tool is used to remove the buffer coating from optical fibers without damaging the glass cladding. ### 1. Key Electronic Components and Subsystems The internal architecture of the FTS-2E-R/K combines precise thermal management with mechanical alignment. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Heating Element** | Generates thermal energy to soften the fiber coating. | Resistance-based ceramic or metallic heater. | | **Control Circuit (PCB)** | Manages power distribution and timing. | Integrated microcontroller (MCU) for logic control. | | **Battery / Power Input** | Supplies electricity to the heating unit. | Usually 12V DC input or rechargeable Li-ion cell. | | **LED Indicators** | Provides visual feedback on status. | Dual-color LEDs (Red for heating, Green for ready). | | **Thermostat/Sensor** | Regulates temperature to prevent overheating. | NTC Thermistor or built-in thermal fuse. | --- ### 2. Functional Operation (Electronic Process) 1. **Power Activation:** When the device is switched on, the internal **Microcontroller** checks the battery voltage and sensor continuity. 2. **Thermal Cycle:** Upon closing the lid, a micro-switch triggers the **Power MOSFET** to send current to the heater. The heater reaches a specific temperature (typically around $100^{\circ}C$ to $150^{\circ}C$) to weaken the bond of the acrylate coating. 3. **Timing Logic:** The electronic timer waits for a pre-set duration (approx. 3–5 seconds). Once reached, the LED changes color, signaling the user that the fiber is ready to be pulled through the stripping blades. 4. **Auto-Off / Power Save:** To preserve battery life and prevent component burnout, the electronic controller automatically cuts power to the heater after a specific period of inactivity. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Power Source** | DC 12V (from Fusion Splicer or AC Adapter) | | **Warm-up Time** | < 5 Seconds | | **Fiber Compatibility** | Single fiber to 12-core Ribbon | | **Heater Type** | Integrated Ceramic Plate | --- ### 4. Maintenance of Electronic Parts * **Charging:** Ensure the DC port is free of debris to prevent short circuits. * **Sensor Cleaning:** Periodically clean the heating area with Isopropyl Alcohol (IPA) to ensure the thermal sensor reads accurately. * **Battery Care:** If the device is unused for long periods, charge it every 3 months to prevent the internal battery from entering a deep discharge state.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the temperature settings on the FTS-2E-R/K?
    • ⤷ What are the common error codes indicated by the LED flashes?
    • ⤷ Can this stripper be powered directly from a fusion splicer's 12V output?