전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTS-2F-R

  • AI
    The **FTS-2F-R** is an electronic component primarily classified as a **Precision Temperature Sensor** or a **Thermal Switch/Protector**, often used in industrial and automotive applications. --- ### 1. Key Technical Specifications The "FTS" series generally refers to a thermal switch designed for high reliability. Below are the typical electronic characteristics for this specific part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thermal Protection Switch / Thermostat | | **Contact Configuration** | SPST (Single Pole, Single Throw) | | **Reset Type** | Automatic | | **Voltage Rating** | 125V AC / 250V AC | | **Current Rating** | 2A to 5A (model dependent) | | **Tolerance** | ±3°C to ±5°C | ### 2. Physical Design and Packaging * **Housing:** Usually encased in a heat-resistant plastic or metallic resin casing. * **Terminals:** The "2F" designation often refers to the lead style (e.g., Faston or Flange-style mounting). * **Suffix "-R":** This typically indicates compliance with **RoHS** standards (Restriction of Hazardous Substances), meaning it is lead-free. ### 3. Operating Principle The device operates on a **Bimetallic Disc** mechanism: 1. **Sensing:** As the ambient temperature rises, the internal bimetallic disc expands at different rates. 2. **Actuation:** Upon reaching the calibrated "Trip Temperature," the disc snaps, opening or closing the internal electrical contacts. 3. **Reset:** Once the temperature cools down below the "Reset Differential," the disc returns to its original position, restoring the circuit. ### 4. Common Applications * **Electric Motors:** To prevent burnout from overheating. * **Power Supplies:** Protecting sensitive MOSFETs or transformers. * **Home Appliances:** Used in coffee makers, heaters, and dryers as a safety cutoff. * **Automotive:** Monitoring coolant or engine compartment temperatures. --- ### 5. Identification Schematic ```mermaid graph LR A[Input Terminal] --- B{Bimetal Disc} B --- C[Output Terminal] subgraph "Normal State (Closed)" B end ```
    ✨ Follow-up Questions
    • ⤷What is the specific trip temperature for the FTS-2F-R?
    • ⤷ Is the FTS-2F-R 'Normally Open' or 'Normally Closed' by default?
    • ⤷ What are the recommended mounting methods for this sensor?