전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTS-6G-R

  • AI
    The **FTS-6G-R** is a specialized electronic component, typically categorized as a **High-Frequency Coaxial Termination** or a RF Load. These components are essential in telecommunications and radio frequency (RF) engineering to prevent signal reflections that can damage sensitive equipment. --- ### 1. Key Technical Specifications The "6G" in the part number generally refers to the frequency range (6 GHz), while the "R" often signifies a specific connector gender or RoHS compliance depending on the manufacturer (commonly associated with brands like Mini-Circuits or Pasternack). | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Frequency Range** | DC to 6 GHz | Operates across low to high frequency bands. | | **Impedance** | 50 Ohms | Matches standard RF transmission line impedance. | | **Connector Type** | SMA (Male/Female) | Standard threaded RF connector. | | **Power Rating** | 0.5W to 2W | Maximum power handling before thermal failure. | | **VSWR** | ≤ 1.20:1 | Voltage Standing Wave Ratio (indicates efficiency). | --- ### 2. Functional Components The internal architecture of the FTS-6G-R consists of three primary electronic elements: 1. **Resistive Element:** A high-precision thin-film or thick-film resistor designed to dissipate RF energy as heat. It is calibrated exactly to 50 $\Omega$. 2. **Dielectric Material:** Usually Teflon (PTFE), providing insulation between the center conductor and the outer shell while maintaining constant impedance. 3. **Housing/Heat Sink:** A metal body (often stainless steel or gold-plated brass) that acts as the outer ground conductor and dissipates heat generated by the resistor. --- ### 3. Common Applications In an electronic system, the FTS-6G-R serves the following purposes: * **Port Termination:** Closing unused ports on a power divider or directional coupler to ensure the circuit "sees" a complete path. * **Measurement Calibration:** Used as a reference load during Vector Network Analyzer (VNA) testing. * **Circuit Protection:** Absorbing reflected waves in high-gain amplifiers to prevent "burn-back" or oscillation. --- ### 4. Implementation Example If you are integrating this into a circuit layout, the schematic symbol is represented as a grounded resistor. ```markdown RF Signal Path ----[ Port ]---- | [ R = 50 Ohm ] <-- FTS-6G-R Termination | Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of the FTS-6G-R?
    • ⤷ How does the VSWR rating affect signal integrity in a 6GHz system?
    • ⤷ Is the FTS-6G-R compatible with standard SMA male connectors?