전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTS-72-R

  • AI
    The **FTS-72-R** is a specific electronic component, typically associated with high-precision **crystal oscillators** or frequency control products, often manufactured by companies like **Fox Electronics** (now part of Abracon). Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications The "FTS" series generally refers to **TCXO** (Temperature Compensated Crystal Oscillators) designed for stability across varying environmental conditions. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Output Type** | Usually Clipped Sine Wave or CMOS | | **Frequency Range** | Varies by sub-model (often 10MHz to 40MHz) | | **Stability** | ±0.5ppm to ±2.5ppm (Temperature dependent) | | **Supply Voltage** | Commonly 3.3V or 5.0V | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Internal Electronic Parts The FTS-72-R is not a single piece of material but an integrated module consisting of several sub-components: * **Quartz Crystal Resonator:** The "heart" of the part. A precision-cut piece of quartz that vibrates at a specific frequency when voltage is applied. * **Compensation Network:** A specialized circuit (often using thermistors or an analog IC) that adjusts the capacitance to counteract frequency drift caused by temperature changes. * **Varactor Diode:** Used within the compensation circuit to electronically tune the frequency. * **Buffer Amplifier:** An internal transistor-based stage that isolates the crystal oscillator from the output load, preventing "load pulling" (frequency shifts caused by the external circuit). --- ### 3. Pinout and Physical Configuration Most FTS-72-R modules use a standard 4-pin or 6-pin SMD footprint. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | V_cont / NC | Voltage Control (for VCTCXO) or No Connection | | **2** | GND | Ground connection | | **3** | Output | The generated clock signal | | **4** | Vdd | DC Power Supply | --- ### 4. Common Applications Due to its high stability (indicated by the "R" suffix, often denoting a specific RoHS compliance or refined stability grade), this part is used in: 1. **Telecommunications:** Base stations and wireless backhaul. 2. **GPS Receivers:** Where precise timing is required for satellite trilateration. 3. **Networking Gear:** High-speed routers and switches requiring stable clock references. --- ### 5. Part Number Breakdown (Typical) * **FTS:** Series Prefix (TCXO). * **72:** Package Size Code (e.g., 7.0mm x 5.0mm). * **R:** Specific variant (often denotes **RoHS Compliant** or a specific **Reel** packaging).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the FTS-72-R unit you are using?
    • ⤷ How does a TCXO differ from a standard XO in terms of circuit design?
    • ⤷ What are the power consumption requirements for this specific oscillator?