전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FTS-83-R/BL

  • AI
    The **FTS-83-R/BL** is a specialized electronic component, typically categorized as a high-performance **Micro-Flash Tube** or a **Triggered Xenon Strobe Lamp**. These components are designed to convert stored electrical energy into short, intense bursts of light. Below is a breakdown of its technical characteristics and electronic functions. --- ### 1. Technical Specifications The "R/BL" designation often refers to specific physical configurations (such as "Right-angle" or "Bulb" styles) and spectral outputs. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Xenon Flash Tube | | **Operating Voltage (Anode)** | 200V - 400V DC | | **Trigger Voltage** | 4kV - 6kV (Typical) | | **Spectral Output** | Broad spectrum (Visible + UV) | | **Lifespan** | 10,000 to 1,000,000 flashes (Load dependent) | | **Cooling** | Convection / Passive | --- ### 2. Key Electronic Parts & Anatomy The FTS-83-R/BL consists of three primary internal components that allow it to function within a circuit: * **Anode (+):** The positive electrode where the high-voltage DC charge is stored. * **Cathode (-):** The negative electrode. When the tube is fired, electrons flow from the cathode to the anode. * **Trigger Electrode (Trigger Wire):** A thin wire or conductive coating on the outside of the glass. When a high-voltage pulse (the trigger) is applied here, it ionizes the Xenon gas inside, making it conductive. * **Xenon Gas:** The noble gas inside the tube that produces the brilliant white light when energized. --- ### 3. Circuit Integration To operate the FTS-83-R/BL, a specific drive circuit is required: #### A. Energy Storage A high-voltage electrolytic capacitor is placed across the Anode and Cathode. This capacitor stores the energy that will be released as light. #### B. Trigger Circuit A **Trigger Transformer** is used to create a short 4kV+ pulse. This pulse is applied to the trigger electrode to "fire" the lamp. ```python # Example logic for a Strobe Control System if trigger_signal == HIGH: discharge_trigger_transformer() # Releases kV pulse to FTS-83 wait_for_recharge() # Capacitor refills for next flash ``` --- ### 4. Common Applications * **Industrial Vision:** Used in high-speed cameras to "freeze" motion on assembly lines. * **Emergency Signaling:** Beacon lights for towers or vehicles. * **Optical Sensing:** Precise light pulses for laboratory analysis or chemical sensing. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum flash energy (Joules) for the FTS-83 series?
    • ⤷ How do I choose the correct trigger transformer for this flash tube?
    • ⤷ What are the pinout differences between the 'R' and 'BL' variants?