전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FUD-05W-R./Q

  • AI
    The **FUD-05W-R/Q** is a high-performance **DC-DC Converter** module, typically utilized in industrial and telecommunications applications. It is designed to provide regulated power with a high degree of isolation. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the FUD-05W-R/Q: | Parameter | Specification | Notes | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V – 9V DC | 5V Nominal input | | **Output Voltage** | 5V DC | Regulated output | | **Power Rating** | 5 Watts | Maximum output capacity | | **Isolation Voltage** | 1000V – 3000V DC | Depending on specific variant (R/Q) | | **Efficiency** | 75% – 82% | Varies based on load | | **Package Style** | DIP or SIP | Through-hole mounting | --- ### 2. Core Electronic Components & Architecture The internal circuitry of this module consists of several critical stages: #### A. Input Filtering * **Capacitive Filter:** Used to minimize reflected ripple current back to the primary power source. * **Protection:** Often includes a basic TVS (Transient Voltage Suppressor) to handle minor voltage spikes. #### B. Switching Controller (PWM) * The device uses a **Pulse Width Modulation (PWM)** controller to drive an internal MOSFET. This high-frequency switching allows for high efficiency and a smaller physical footprint compared to linear regulators. #### C. Isolation Transformer * This is the "heart" of the device. It provides magnetic coupling between the input and output, ensuring that the ground loops are broken and sensitive components on the output side are protected from input-side electrical noise. #### D. Rectification & Regulation * **Schottky Diodes:** Used on the secondary side for high-speed rectification with low forward voltage drop. * **Feedback Loop:** Uses an optocoupler or a secondary winding to monitor the output voltage and adjust the PWM duty cycle, ensuring a steady 5V output regardless of load changes. --- ### 3. Application Use Cases * **Industrial Control:** Providing clean power to microcontrollers in environments with high electromagnetic interference (EMI). * **Data Communications:** Powering RS-485 or CAN bus interfaces where electrical isolation is required to prevent ground potential differences. * **Medical Equipment:** Used in non-patient-critical circuits to provide basic isolation. --- ### 4. Safety and Protection Features * **Short Circuit Protection (SCP):** Usually features continuous, self-recovering protection. * **Overload Protection:** Limits the current if the 5W threshold is exceeded to prevent thermal runaway. * **Thermal Shutdown:** Internal sensors disable the switching if the component temperature exceeds safe operating limits (typically +85°C to +105°C).
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the FUD-05W-R/Q?
    • ⤷ How does the 'Q' suffix differentiate it from the standard 'R' model?
    • ⤷ What is the recommended external capacitor value for reducing output ripple?