FUD-155-R./Q
AI

The **FUD-155-R/Q** is a high-performance **Optical Receiver Module** typically used in fiber-optic communication systems, specifically for SDH (Synchronous Digital Hierarchy) and SONET networks. These modules are designed to convert optical signals into electrical signals at high speeds.
---
### 1. Key Electronic Specifications
The module integrates several sophisticated electronic components to handle high-speed data integrity.
| Parameter | Typical Specification |
| :--- | :--- |
| **Data Rate** | Up to 155 Mbps (STM-1/OC-3) |
| **Photodetector Type** | InGaAs PIN Photodiode or APD |
| **Supply Voltage** | +3.3V or +5.0V |
| **Operating Wavelength** | 1100nm to 1650nm |
| **Package Style** | 2x9 or 1x9 SIP (Single In-line Package) |
| **Sensitivity** | Typically -34 dBm to -37 dBm |
---
### 2. Internal Electronic Architecture
The "R/Q" designation often refers to specific variations in the output logic or internal amplification stages. The internal circuitry generally consists of three main stages:
#### A. Trans-Impedance Amplifier (TIA)
The photodiode converts light into a very weak current. The TIA is the first electronic stage that converts this current into a usable voltage while minimizing noise.
#### B. Limiting Amplifier (Post-Amp)
Since the input optical power can vary, the TIA output voltage varies. The Limiting Amplifier "levels" this signal to a constant amplitude, ensuring the downstream digital circuits receive a stable high/low signal.
#### C. Signal Detect (SD) / Loss of Signal (LOS)
This electronic sub-circuit monitors the input power level. If the optical signal falls below a certain threshold, the module triggers an SD/LOS pin to alert the system of a link failure.
---
### 3. Pin Configuration (Common 1x9/2x9)
The electrical interface usually follows a standard industrial footprint:
1. **Vee (GND):** Ground connection.
2. **RD+ / RD-:** Differential Data Outputs (usually LVPECL or TTL logic).
3. **SD (Signal Detect):** High/Low status indicator.
4. **Vcc:** Power supply.
---
### 4. Applications
* **Telecommunications:** Access networks and metro area networks.
* **Industrial Control:** High-speed data links in EMI-sensitive environments.
* **SDH/SONET:** Standardized 155Mbps fiber links.
- ⤷
What is the difference between the PIN and APD versions of this receiver?
- ⤷ How does the LVPECL logic interface with modern CMOS microcontrollers?
- ⤷ What are the power consumption characteristics of the FUD-155 series?