전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FUD-34W-R./Q

  • AI
    The **FUD-34W-R/Q** is a specific model identifier typically associated with **Ultrasonic Sensor Transducers**, often used in industrial automation for distance measurement, object detection, or liquid level sensing. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Core Specifications The device operates on the principle of ultrasonic wave emission and reflection. | Feature | Description | | :--- | :--- | | **Transducer Type** | Piezoelectric Ceramic | | **Operating Frequency** | Typically 40 kHz (Industry standard for air-coupled sensors) | | **Function** | Dual-purpose (Transmitter and Receiver / Transceiver) | | **Mounting Style** | Through-hole or bracket mount (indicated by the 'W'/'R' suffix) | | **Housing Material** | Aluminum or Plastic (application dependent) | --- ### 2. Internal Electronic Components The internal construction of the FUD-34W-R/Q consists of several key layers: 1. **Piezoelectric Element:** The heart of the part. It converts electrical energy into mechanical vibrations (sound) and vice versa. 2. **Matching Layer:** A specialized material layer that bridges the acoustic impedance between the ceramic element and the air, ensuring maximum energy transfer. 3. **Damping Material:** Absorbs internal reflections to prevent "ringing," allowing the sensor to detect objects at shorter distances (reducing the blind zone). 4. **Terminals/Leads:** Typically two pins for electrical connection to a driving circuit. --- ### 3. Circuit Integration To function, the FUD-34W-R/Q requires an external driver circuit consisting of: * **Oscillator/Driver:** Generates a pulse train (usually 40kHz) to excite the piezoelectric ceramic. * **Amplifier:** Since the returned echo is very weak (millivolts), an operational amplifier (Op-Amp) is required to boost the signal. * **Comparator/MCU:** Processes the time-of-flight (ToF) to calculate the distance: * **Formula:** $D = \frac{v \times t}{2}$ (where $v$ is the speed of sound and $t$ is the time). --- ### 4. Part Number Suffix Meaning * **-R:** Generally indicates **Receiver** (optimized for high sensitivity to incoming waves). * **-Q:** Often relates to the **Quality factor** or a specific beam angle/shape designation in this series. * **-W:** Usually signifies **Waterproof** or weather-resistant construction (often used in automotive parking sensors). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range for the FUD-34W series?
    • ⤷ How do I interface this sensor with an Arduino or microcontroller?
    • ⤷ What are the environmental limitations regarding temperature and humidity?