전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FUD-K0-R./Q

  • AI
    Based on your query, it appears you are referring to the **FUD-K0-R** series, which is a specialized **Pressure Sensor** or **Pressure Transmitter** often used in industrial automation, HVAC, or hydraulic systems (frequently associated with brands like *Nidec Copal Electronics* or similar industrial manufacturers). Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Technical Specifications Table The electronic profile of the FUD-K0-R typically follows these parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 12V to 24V DC | Standard industrial supply range. | | **Output Signal** | 4-20 mA or 1-5 V | Analog signal for PLC integration. | | **Pressure Range** | 0 to "K0" Rating | "K0" often denotes a specific range (e.g., 100kPa). | | **Connection Type** | Cable or M12 | Electronic interface for power and data. | | **Sensing Element** | Piezoresistive | Silicon-based bridge for high accuracy. | --- ### 2. Key Electronic Components The internal architecture of the FUD-K0-R consists of several critical layers: #### A. The Piezoresistive Bridge The heart of the unit is a micro-machined silicon diaphragm. When pressure is applied, the electrical resistance of the bridge changes. This is the **transducer** stage where physical force becomes an electrical signal. #### B. Signal Conditioning Circuit (ASIC) Because the raw signal from the sensor is very weak (millivolts), an internal **Application Specific Integrated Circuit (ASIC)** performs the following: * **Amplification:** Boosts the signal to 4-20mA or 1-5V. * **Temperature Compensation:** Corrects for electronic drift caused by heat. * **Linearization:** Ensures the output is perfectly proportional to the input pressure. #### C. EMI/RFI Protection Industrial environments are "noisy" electrically. The FUD-K0-R includes: * **Decoupling Capacitors:** To filter out high-frequency noise. * **Reverse Polarity Protection:** A diode circuit to prevent damage if the DC power is wired backwards. --- ### 3. Connection Pinout (Typical) If the unit uses a standard 3-wire or 2-wire configuration, the electronics are mapped as follows: ```json { "Brown": "DC Power (+)", "Blue": "Common/Ground (-)", "Black": "Signal Output (Output)" } ``` --- ### 4. Application Context These electronic parts are designed to interface directly with: 1. **PLCs (Programmable Logic Controllers):** Monitoring system pressure. 2. **Digital Indicators:** For real-time visual feedback. 3. **Variable Frequency Drives (VFDs):** To regulate pump speeds based on pressure.
    ✨ Follow-up Questions
    • ⤷What is the exact pressure range for the K0 suffix in this model?
    • ⤷ How do I wire the FUD-K0-R to a 4-20mA current loop?
    • ⤷ Is there a digital communication version like RS485 for this series?