전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FUD-K4-R./Q

  • AI
    The **FUD-K4-R/Q** refers to a high-precision, four-way digital output sensor, typically associated with industrial automation and material detection systems (often manufactured by brands like **FOTEK**). Below is a breakdown of the electronic specifications and characteristics for this component. --- ### 1. Technical Specifications The device is designed as a multi-channel amplifier or sensor controller. Here are the primary electronic parameters: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12 - 24V DC (±10% ripple) | | **Channels** | 4-Channel Output (K4) | | **Output Type** | NPN or PNP (depending on the specific sub-model) | | **Response Time** | < 1ms | | **Current Consumption** | Max 40mA | | **Load Current** | Max 100mA per channel | | **Connection Method** | Connector type (Q designation) | --- ### 2. Key Electronic Components & Functionality #### A. Internal Logic (Microcontroller/ASIC) The "FUD" series utilizes a digital processing chip that translates analog signals from fiber optic or capacitive leads into binary (On/Off) signals. It allows for sensitivity adjustments via digital buttons rather than manual potentiometers. #### B. Output Stage (The R/Q Designation) * **"R" (Relay/Output Logic):** Usually indicates a specific transistor logic or reset function integrated into the output circuit. * **"Q" (Quick Disconnect):** This electronic part refers to the **M12 or M8 connector** interface. Unlike lead-wire models, the "Q" version uses gold-plated pins to ensure low contact resistance and high signal integrity in vibrating environments. #### C. Protection Circuitry To ensure longevity in industrial settings, the unit includes: * **Reverse Polarity Protection:** Prevents damage if the DC power leads are swapped. * **Short-Circuit Protection:** Shuts down the output channel if the load exceeds 100mA. --- ### 3. Wiring Diagram Logic The device typically follows standard industrial color-coding for its electronic interface: ```markdown 1. Brown -> +V (12-24V DC) 2. Blue -> 0V (GND) 3. Black -> Output 1 4. White -> Output 2 5. Gray -> Output 3 6. Pink -> Output 4 ``` --- ### 4. Application Context The **FUD-K4-R/Q** is most commonly used as a **Fiber Optic Amplifier**. In this setup, the electronic unit stays in the control cabinet, while "passive" fiber optic cables are sent to the sensing point. This protects the sensitive electronics from EMI (Electromagnetic Interference) and harsh physical conditions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP output versions for this model?
    • ⤷ How do you calibrate the sensitivity threshold on the FUD-K4-R digital display?
    • ⤷ Can this sensor be used with non-fiber optic sensing heads?