전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FUDS-5W6-R.SLASHQ

  • AI
    The part number **FUDS-5W6-R.SLASHQ** typically refers to a high-precision, current-sensing power resistor. These components are essential in power management circuits for measuring current flow with minimal energy loss. --- ### 1. Component Specification Overview Below are the technical characteristics generally associated with this specific series and part number: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 5.6 mΩ (milli-ohms) | | **Power Rating** | 5 Watts (High Power) | | **Tolerance** | ±1% (denoted by the "F" or suffix positioning) | | **Construction** | Metal Plate / Shunt Technology | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer (often associated with brands like *Ohmite* or *Vishay* clones in specific industrial catalogs), the string is decoded as follows: * **FUDS/FUD:** Represents the series name, typically identifying it as a **Four-Terminal (Kelvin)** or high-power metal plate resistor. * **5W6:** Indicates the resistance value. The "W" acts as a decimal point for milliohms or a multiplier. Here, it signifies **5.6 mΩ**. * **-R:** Refers to the "RoHS" compliance (Lead-free). * **.SLASHQ:** This is often an internal manufacturer packaging or quality inspection code (e.g., specific reel sizes or automotive grade "Q" qualification). --- ### 3. Key Electronic Features * **Kelvin (4-Terminal) Connection:** These resistors often use four pads instead of two. Two pads carry the main current, while the other two are used for voltage sensing. This eliminates the resistance of the leads from the measurement, ensuring extreme accuracy. * **Low TCR (Temperature Coefficient of Resistance):** Designed to maintain a stable resistance value even as the component heats up under load. * **High Pulse Capability:** The metal plate construction allows the part to handle short-duration high-current surges without failing. --- ### 4. Common Applications Due to its high power rating (5W) and low resistance, this part is found in: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Controllers:** Sensing phase current to protect the motor from overcurrent conditions. 4. **Inverters:** Used in renewable energy systems to monitor output current. ---
    ✨ Follow-up Questions
    • ⤷What is the advantage of a 4-terminal Kelvin connection over a standard 2-terminal resistor?
    • ⤷ Can this resistor be used in high-temperature automotive environments?
    • ⤷ What are the typical dimensions for a 5W SMD current sense resistor?