전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-02-R/Q

  • AI
    The **FVF-02-R/Q** refers to a high-performance **Full-HD (1080p) Wireless Video Transmission System** (often categorized under the *Farsight* or *Mars* series in industrial drone/FPV applications). This system is designed to transmit low-latency high-definition video over long distances. Below is an analysis of its electronic components and functional architecture. --- ### 1. Core Electronic Components The system consists of a **Transmitter (TX)** and a **Receiver (RX)**. Their internal circuitry is typically composed of the following modules: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **RF Transceiver Chip** | Wireless Signal Processing | Operates on the **5.1GHz - 5.8GHz** ISM band. | | **H.264/H.265 Encoder** | Video Compression | Compresses raw HDMI/SDI data into a stream for transmission. | | **FPGA / SoC** | Main Logic Controller | Manages frequency hopping (DFS) and encryption (AES-128). | | **LNA (Low Noise Amp)** | Signal Reception | Enhances weak incoming signals on the Receiver side. | | **PA (Power Amplifier)** | Signal Transmission | Boosts the output power (typically up to 17-20dBm). | --- ### 2. Interface and Connectivity The "R/Q" designation often specifies the interface types available on the unit: * **HDMI Input/Output:** Standard Type-A ports for connecting cameras (TX) and monitors (RX). * **SDI Interface:** Often found in the "Q" or Pro variants for professional broadcast equipment (BNC connectors). * **Micro-USB/USB-C:** Used for firmware updates and sometimes for 5V power input. * **DC Input:** Wide voltage support (typically 7V - 16V) for compatibility with LiPo batteries. --- ### 3. Key Electronic Specifications | Feature | Specification | | :--- | :--- | | **Transmission Range** | ~200m to 500m (Line of Sight) | | **Latency** | < 0.1 seconds (approx. 60-80ms) | | **Power Consumption** | Transmitter: ~6W / Receiver: ~5W | | **Frequency Selection** | Automatic Frequency Hopping (AFH) | | **Modulation** | OFDM (Orthogonal Frequency Division Multiplexing) | --- ### 4. Circuitry Protection To ensure reliability in industrial or outdoor environments, the electronic design usually includes: 1. **TVS Diodes:** For ESD (Electrostatic Discharge) protection on HDMI ports. 2. **Voltage Regulators:** High-efficiency Buck converters to handle fluctuating battery voltages. 3. **Heat Sink/Fan:** Active or passive cooling to prevent thermal throttling of the SoC during long transmission sessions. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FVF-02 power connector?
    • ⤷ How does the DFS (Dynamic Frequency Selection) work in this specific model?
    • ⤷ Can the FVF-02-R/Q be integrated with a Pixhawk flight controller?