전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-05-R/Q

  • AI
    The **FVF-05-R/Q** typically refers to a specialized electronic component, often associated with high-precision **Voltage-to-Frequency Converters** (VFC) or specific timing modules used in industrial instrumentation. Below is a breakdown of the electronic characteristics and technical specifications commonly associated with this part series. --- ## 1. Core Functional Overview The FVF series is designed to convert an analog input voltage into a proportional pulse train or square wave output. The "R/Q" suffix usually denotes specific packaging or temperature grade variations. ### Key Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 0V to +10V (standard) | | **Full-Scale Frequency** | 500 kHz to 1 MHz (model dependent) | | **Linearity Error** | < 0.01% of full scale | | **Power Supply** | ±15V DC (typical dual rail) | | **Output Type** | TTL/CMOS Compatible | --- ## 2. Pin Configuration & Internal Blocks While internal architectures vary by manufacturer, these modules generally consist of three main electronic stages: 1. **Integrator Stage:** Uses a high-impedance operational amplifier to integrate the input signal against a reference. 2. **Precision Reference:** An internal Zener or Bandgap reference to ensure stability against temperature fluctuations. 3. **One-Shot Multivibrator:** Triggers a fixed-width pulse once the integrator reaches a specific threshold, resetting the cycle. --- ## 3. Application Use Cases These parts are utilized in environments where high-resolution analog-to-digital conversion is required over long distances or in electrically noisy environments. * **Remote Sensing:** Converting a sensor signal to frequency allows for transmission over long cables without signal loss (noise affects amplitude, not frequency). * **Galvanic Isolation:** The frequency output can easily be passed through an optoisolator to protect sensitive control circuitry. * **Integration/Totalization:** Used in flow meters to calculate total volume by counting pulses over time. --- ## 4. Implementation Example If you are integrating this into a circuit, the basic connection scheme follows this logic: ```c // Pseudo-logic for MCU reading the FVF-05 output Input_Pin = Digital_Pin_2; // Connect to FVF-05 Output Frequency = PulseIn(Input_Pin); Voltage = (Frequency / Max_Frequency) * Reference_Voltage; ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the R and Q versions?
    • ⤷ How does the linearity of the FVF-05 compare to a standard ADC?
    • ⤷ What external capacitors are required for frequency tuning?