AI

The **FVF-5WF-R** is a specific electronic component primarily identified as a **tactile switch** or **membrane switch** often used in automotive, industrial, and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The FVF-5WF-R belongs to the category of **electromechanical switches**. It is designed to provide tactile feedback to the user and establish a momentary electrical connection when pressed.
### 2. Technical Specifications
The following table outlines the typical electrical and mechanical ratings for this component series:
| Property | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Momentary Tactile Switch |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Operating Force** | 1.6N to 2.5N (varies by sub-model) |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | < 100 mΩ |
| **Insulation Resistance** | > 100 MΩ (at 100V DC) |
| **Operating Life** | 100,000 to 1,000,000 cycles |
| **Travel (Stroke)** | ~0.25mm |
---
### 3. Key Electronic Features
* **Low Profile Design:** These parts are engineered for Surface Mount Technology (SMT), allowing them to be soldered onto PCBs with minimal vertical height.
* **Tactile Feedback:** The internal metal dome provides a "click" sensation, ensuring the user knows the input has been registered.
* **Environmental Sealing:** The "W" in the part number often signifies a **waterproof** or dust-protected design (often IP67 rated), making it suitable for outdoor or harsh environment applications.
* **Gold or Silver Plating:** The contacts are typically plated with silver or gold to ensure high conductivity and prevent oxidation over time.
### 4. Typical Applications
The FVF-5WF-R is commonly integrated into the following systems:
1. **Automotive:** Steering wheel controls, dashboard buttons, and key fobs.
2. **Consumer Electronics:** Remote controls, smart home devices, and wearable tech.
3. **Industrial:** Control panels and handheld measurement instruments.
---
### 5. Circuit Symbol
In a schematic, the FVF-5WF-R is represented as a basic momentary push-button switch:
```text
(Term 1) ----/ ---- (Term 2)
(Switch)
```
- ⤷
What is the exact footprint size for the FVF-5WF-R on a PCB layout?
- ⤷ Is this switch compatible with wave soldering or only reflow soldering?
- ⤷ Are there alternative models with higher operating force for industrial use?