전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-64W-R/Q

  • AI
    Based on the model number structure, the **FVF-64W-R/Q** typically refers to a **Vacuum Fluorescent Display (VFD)** module, often manufactured by companies like Noritake Itron or Futaba. These modules are used in industrial equipment, medical devices, and high-end consumer electronics for their high contrast and brightness. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Display Format** | 64 characters (often 2 lines x 32 characters or 4 x 16) | | **Display Technology** | Vacuum Fluorescent (VFD) | | **Color** | Blue-Green (Standard VFD Phosphor) | | **Interface** | Parallel (8-bit) or Synchronous Serial | | **Voltage Supply** | Usually 5.0V DC | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Internal Electronic Components A VFD module is not just a glass tube; it is a complex assembly of several electronic stages: #### A. The VFD Glass Envelope * **Filament (Cathode):** Fine tungsten wires coated with alkaline earth metal oxides. When heated, they emit electrons. * **Grids (Control):** Metal meshes that accelerate and control the flow of electrons toward specific segments. * **Anodes (Phosphor segments):** The actual "pixels" or characters coated with phosphor that glow when struck by electrons. #### B. The Controller/Driver ICs * **CPLD or ASIC:** Manages the character mapping and communication protocol. * **High-Voltage Drivers:** Since VFDs require higher internal voltages (20V–50V) to excite the phosphor, integrated driver chips convert logic-level signals to high-voltage pulses. #### C. Power Conversion (DC-DC Converter) * The module usually contains an onboard **transformer** or **inductor-based inverter**. * It converts the input 5V into the **Filament Voltage** (AC or DC) and the **Anode/Grid Voltage** (High Voltage DC). --- ### 3. Pinout and Connectivity (General Reference) Most "R/Q" series modules utilize a standard dual-inline header. | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | VCC | +5V Power Supply | | 2 | GND | Ground | | 3 | S_CLK / WR | Serial Clock or Write Signal | | 4 | SIN / D0-D7 | Serial Data Input or Parallel Data Bus | | 5 | RESET | Hardware Reset (Active Low) | --- ### 4. Comparison: R vs. Q Suffixes In industrial display nomenclature: * **-R:** Often denotes a specific **Revision** or a **RoHS** compliant version. * **-Q:** Usually indicates a **Quick-response** interface or a specific **Character Font** set (such as European or Japanese Katakana support).
    ✨ Follow-up Questions
    • ⤷ What is the specific command set for the FVF-64W (e.g.
    • ⤷ HD44780 compatible)?
    • ⤷ How do I calculate the power consumption for this VFD module?
    • ⤷ Can this display be interfaced directly with an Arduino or Raspberry Pi?