전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-6D-R

  • AI
    ## Overview of the FVF-6D-R The **FVF-6D-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Fuse** or a **Flexible Flat Cable (FFC) Connector** variant, depending on the specific manufacturer (most commonly associated with circuit protection and interface series). In industrial contexts, this part number is frequently linked to miniature electronic protection devices. --- ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Electronic Protection / Interconnect | | **Mounting Style** | Surface Mount Device (SMD/SMT) | | **Circuit Configuration** | 6-Position / 6-Pin Layout | | **Material Composition** | Thermoplastic Housing, Copper Alloy Contacts | | **Compliance** | RoHS Compliant, Lead-Free | --- ### Key Electronic Sub-Parts The FVF-6D-R is comprised of several critical sub-elements that define its electrical behavior: #### 1. Contact Elements * **Material:** Usually phosphor bronze or copper alloy with gold or tin plating. * **Function:** Ensures low contact resistance and prevents oxidation over long-term use. #### 2. Insulating Body * **Material:** High-temperature Liquid Crystal Polymer (LCP) or Nylon. * **Function:** Provides galvanic isolation between the six pins and ensures the part can withstand reflow soldering temperatures (up to 260°C). #### 3. Termination Style * **Type:** Right-angle or Vertical SMT pads. * **Function:** Designed for automated "Pick and Place" machines to be soldered directly onto a Printed Circuit Board (PCB). --- ### Common Applications 1. **Consumer Electronics:** Used in compact devices like digital cameras or handheld consoles for internal ribbon cable connections. 2. **Automotive Modules:** Found in sensor interfaces where space is a premium. 3. **Power Distribution:** If utilized in its fuse variant, it serves as a fail-safe to prevent overcurrent from damaging delicate logic boards. --- ### Dimensional Data | Dimension | Standard Measurement (Approx.) | | :--- | :--- | | **Pitch** | 0.5mm or 1.0mm (Series dependent) | | **Height** | Ultra-low profile (usually < 2.0mm) | | **Orientation** | Right Angle (indicated by the "-R" suffix) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the FVF-6D-R?
    • ⤷ Is the FVF-6D-R compatible with lead-free reflow soldering processes?
    • ⤷ Which manufacturers currently produce the FVF-6D-R or its direct equivalents?