전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-B0-R/Q

  • AI
    The **FVF-B0-R/Q** series refers to specific electronic components typically associated with high-precision **Potentiometers** or **Position Sensors**, often manufactured by companies like **Copalelectronics (Nidec)** or similar precision component vendors. These are frequently used in industrial control systems. --- ### 1. Component Overview These parts are generally categorized as **Cermet Trimmers** or **Conductive Plastic Potentiometers**. The suffixes (R/Q) often denote specific mechanical configurations or electrical tolerances. | Feature | Specification Details | | :--- | :--- | | **Type** | Variable Resistor / Rotary Potentiometer | | **Technology** | Conductive Plastic or Cermet | | **Mounting** | Panel Mount or PCB Through-hole | | **Rotation Angle** | Usually 360° Continuous or 300° Effective | | **Termination** | Solder Lugs or PC Pins | --- ### 2. Breakdown of the Model Code While specific manufacturer datasheets vary slightly, the nomenclature generally follows this logic: * **FVF:** Series designation (High reliability, long life). * **B0:** Specific frame size or physical housing dimension. * **R:** Often denotes **Resistance** characteristics or a **Right-angle** terminal orientation. * **Q:** Often indicates a specific **Quality** grade or a variation in the shaft/bushing shape (e.g., slotted vs. round). --- ### 3. Key Electronic Characteristics The electronic performance of these parts is defined by several critical parameters: #### A. Resistance Range Typically available from **1kΩ to 100kΩ**. The "R" value in the part number usually points to the specific resistance law (Linear vs. Logarithmic). #### B. Linearity These parts are valued for their **Independent Linearity**, which ensures that the output voltage is directly proportional to the shaft angle with very low error (often $\pm$1% or less). #### C. Power Rating Usually rated between **0.2W and 0.5W** at 70°C. They are signal-level components, not intended for high-power load regulation. --- ### 4. Typical Applications * **Industrial Joysticks:** For movement detection in cranes or heavy machinery. * **Servo Feedbacks:** Providing position data in closed-loop motor systems. * **Medical Equipment:** Precision adjustment dials on imaging or life-support machines. * **Test & Measurement:** Calibration offsets in laboratory instruments. --- ### 5. Maintenance and Reliability Because these are "Contact" electronic parts (a wiper moves across a resistive element), they have a finite lifespan: * **Rotational Life:** Typically 2 million to 10 million cycles. * **Environmental Protection:** Often sealed to IP65 or IP67 to prevent dust and moisture ingress into the electronic track. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the R suffix in this series?
    • ⤷ Can this component be used as a voltage divider in a 24V industrial circuit?
    • ⤷ What are the mechanical mounting dimensions for the B0 frame size?