전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-B1-R/Q

  • AI
    The **FVF-B1-R/Q** typically refers to a high-performance **Fiber Optic Video/Data Transceiver** module, often used in industrial monitoring, security surveillance, and high-speed data transmission systems. Below is a breakdown of its electronic components and technical characteristics. --- ### 1. Core Component Breakdown The device functions as a media converter, translating electrical signals into optical pulses and vice versa. | Component Category | Description | Key Function | | :--- | :--- | :--- | | **Optical Sub-Assembly (OSA)** | Laser Diode (TOSA) & Photodiode (ROSA) | Converts electrical current to light (TX) and light to current (RX). | | **Digital Signal Processor (DSP)** | Integrated Circuit (IC) | Handles clock recovery, jitter reduction, and signal equalization. | | **Power Management** | DC-DC Converters / LDOs | Regulates input voltage to stable levels for sensitive logic circuits. | | **Interface Ports** | BNC (Video) / Terminal Block (Data) | Physical connection points for coaxial cables or RS-485/422/232 wires. | | **LED Indicators** | Status LEDs (PWR, OPT, DATA) | Provides visual feedback on link status and power presence. | --- ### 2. Technical Specifications The "R/Q" suffix usually denotes specific configurations (Receiver/Transmitter or specific bandwidth ratings). * **Transmission Medium:** Single-mode or Multi-mode fiber (Single-mode is standard for "B1" series). * **Wavelength:** Typically **1310nm** or **1550nm**. * **Video Bandwidth:** Support for high-definition composite video or digital streams (up to 10MHz or higher depending on the specific revision). * **Data Channels:** Often includes a reverse or bidirectional data channel for PTZ (Pan-Tilt-Zoom) camera control. --- ### 3. Key Electronic Features #### A. Surge and ESD Protection To survive industrial environments, these modules include: * **TVS Diodes:** Protects the copper ports from voltage spikes. * **Optical Isolation:** Since the signal travels via glass fiber, it provides inherent immunity to EMI (Electromagnetic Interference) and ground loops. #### B. Digital Encoding (Non-Compression) The FVF series typically utilizes **8-bit or 10-bit digital PCM encoding**. Unlike analog fiber transmitters, this ensures that the video quality does not degrade over long distances (up to 20km - 100km). #### C. Plug-and-Play Architecture The internal circuitry includes **Auto-Adaptive technology**, meaning the electronics automatically adjust to different cable lengths without manual potentiometer tuning. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance supported by the FVF-B1 series?
    • ⤷ How does the RS-485 data channel interface with the optical signal?
    • ⤷ Does this model support 4K resolution or is it limited to analog/SD signals?